Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE6508 Datasheet (PDF) - NTE Electronics

NTE6508 Datasheet PDF - NTE Electronics
Part # NTE6508
Download  NTE6508 Download
File Size   37.57 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, 1K Static RAM (SRAM)

NTE6508 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6508 Datasheet PDF - NTE Electronics

Part # NTE6508
Download  NTE6508 Click to download

File Size   37.57 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, 1K Static RAM (SRAM)

NTE6508 Datasheet (HTML) - NTE Electronics


NTE6508 Product details

Description:
The NTE6508 is a 1024 x 1 fully static CMOS RAM in a 16–Lead DIP type package fabricated using self–aligned silicon gate technology. Synchronous circuit design techniques are employed to acheive high performance and low power operation. On chip latches are provided for address allowing effecient interfacing with microprocessor systems. The data output buffers can be forced to a high impedance state for use in expanded memory arrays.

Features:
● Low Power Standby: 50µW Max
● Low Power Operation: 20mW/MHz Max
● Fast Access Time: 300ns Max
● Data Retention: 2V Min
● TTL Compatible Input/Output
● High Output Drive: 2 TTL Loads
● On–Chip Address Register




Similar Part No. - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
More results


Similar Description - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
NTE2114 NTE-NTE2114 Datasheet
29Kb / 4P
Integrated Circuit MOS, Static 4K RAM, 300ns
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
1K x 8 Dual-Port Static Ram
May 1989 - Revised March 27, 1997
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
1K x 4 Static RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
3.3V CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com