Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8762ED Datasheet (PDF) - Wolfson Microelectronics plc

WM8762ED Datasheet PDF - Wolfson Microelectronics plc
Part # WM8762ED
Download  WM8762ED Download
File Size   148.26 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC

WM8762ED Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8762ED Datasheet PDF - Wolfson Microelectronics plc

Part # WM8762ED
Download  WM8762ED Click to download

File Size   148.26 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC

WM8762ED Datasheet (HTML) - Wolfson Microelectronics plc


WM8762ED Product details

DESCRIPTION

The WM8762 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8762 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8762 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a very small 8-pin SOIC package. The WM8762 supports a 16-24-bit left justified digital audio interface.

The WM8762 is an ideal device to interface to AC-3, DTS, and MPEG audio decoders for surround sound applications, or for use in DVD players, including supporting the implementation of 2 channels at 192kHz for high-end DVD-Audio applications.



FEATURES

• Stereo DAC

• Audio Performance

   - 98dB SNR (‘A’ weighted @ 48kHz)

   - -84dB THD

• Sampling Frequency: 8kHz – 192kHz

• Audio Data Interface Format

   - 16-24-Bit Left Justified

• 2.7V – 5.5V Supply Operation

• 8-lead SOIC Package



APPLICATIONS

• DVD Players

• Digital TV

• Digital Set Top Box



 




Similar Part No. - WM8762ED

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8762 WOLFSON-WM8762 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8762CGED WOLFSON-WM8762CGED Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
WM8762CGED/R WOLFSON-WM8762CGED/R Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
WM8762GED/RV WOLFSON-WM8762GED/RV Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8762GED/V WOLFSON-WM8762GED/V Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
More results


Similar Description - WM8762ED

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com