Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8726 Datasheet (PDF) - Wolfson Microelectronics plc

WM8726 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8726
Download  WM8726 Download
File Size   228.77 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC

WM8726 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8726 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8726
Download  WM8726 Click to download

File Size   228.77 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC

WM8726 Datasheet (HTML) - Wolfson Microelectronics plc


WM8726 Product details

DESCRIPTION

The WM8726 is a high performance stereo DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8726 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8726 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC.

The WM8726 has a hardware control interface for selection of audio data interface format, mute and de-emphasis. The WM8726 supports I2S, right Justified or DSP interfaces.



FEATURES

Stereo DAC

Audio Performance

  - 97 dB SNR (‘A’ weighted @ 48kHz)

  - -89 dB THD

DAC Sampling Frequency: 8kHz – 192kHz

Pin Selectable Audio Data Interface Format

  - I2S, 16-bit Right Justified or DSP

3.0V - 5.5V Supply Operation

14-lead SOIC Package

Pin Compatible with WM8725



APPLICATIONS

DVD Players

Home Theatre Systems

Digital TV

Digital Set Top Boxes

Automotive




Similar Part No. - WM8726

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8726CGED WOLFSON-WM8726CGED Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8726CGED/R WOLFSON-WM8726CGED/R Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
More results


Similar Description - WM8726

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com