Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8726 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8726
Description  24-bit 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8726 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8726 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8726 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
w
WM8726
24-bit 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, September 2005, Rev 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8726 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8726 supports data input word
lengths from 16 to 24-bits and sampling rates up to 192kHz.
The WM8726 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a 14-lead SOIC package.
The WM8726 has a hardware control interface for selection
of audio data interface format, mute and de-emphasis. The
WM8726 supports I
2S, right Justified or DSP interfaces.
The WM8726 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players, including supporting
the implementation of 2 channels at 192kHz for high-end
DVD-Audio applications.
FEATURES
•
Stereo DAC
•
Audio Performance
-
100dB SNR (‘A’ weighted @ 48kHz)
-
-88dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
-
I
2S, 16-bit Right Justified or DSP
•
2.7V - 5.5V Supply Operation
•
14-lead SOIC Package
•
Pin Compatible with WM8725
APPLICATIONS
•
DVD Players
•
Home Theatre Systems
•
Digital TV
•
Digital Set Top Boxes
BLOCK DIAGRAM
W
WM8726
BCKIN
AUDIO
INTERFACE
MUTE
CONTROL
INTERFACE
VOUTL
VOUTR
LRCIN
DIN
MUTE
DIGITAL
FILTERS
MCLK
DEEMPH
MUTE
FORMAT
CAP
RIGHT
DAC
LEFT
DAC
GND
VDD
SIGMA
DELTA
MODULATOR
SIGMA
DELTA
MODULATOR


Similar Part No. - WM8726

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8726CGED WOLFSON-WM8726CGED Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8726CGED/R WOLFSON-WM8726CGED/R Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
More results

Similar Description - WM8726

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com