Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B30 Datasheet (PDF) - Analog Devices

5B30 Datasheet PDF - Analog Devices
Part # 5B30
Download  5B30 Download
File Size   700.23 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Millivolt and Voltage Input

5B30 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B30 Datasheet PDF - Analog Devices

Part # 5B30
Download  5B30 Click to download

File Size   700.23 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Millivolt and Voltage Input

5B30 Datasheet (HTML) - Analog Devices


5B30 Product details

PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surfacemount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs

FEATURES
    Isolated Voltage Input.
    Amplifies, Protects, Filters, & Isolates Analog Input Voltages.
    Protect the computer side from damage due to field-side overvoltage faults.
    A Series output switch eliminates the need for external multiplexing in many applications.
    Module circuitry can withstand 240v rms at the input screwterminals.
    All 5B30 & 5B31 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 5B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
Single-Channel Signal Conditioning Module
5B32 AD-5B32_15 Datasheet
675Kb / 8P
Single-Channel Signal Conditioning Module
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
5B34-01 AD-5B34-01 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
5B34-02 AD-5B34-02 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
More results


Similar Description - 5B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B40 AD-5B40 Datasheet
695Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
5B40 AD-5B40_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
logo
Good Will Instrument Co...
GVT-427B GWINSTEK-GVT-427B Datasheet
561Kb / 1P
AC MILLIVOLT METER
logo
M-System Co.,Ltd.
R3-SV4A MSYSTEM-R3-SV4A Datasheet
121Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8A MSYSTEM-R3Y-SV8A Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.3 PF-S1SD-1AI-1U.3 Datasheet
813Kb / 4P
Millivolt Converter
2022-01-10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com