Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B30 Datasheet(PDF) 1 Page - Analog Devices

Part # 5B30
Description  Millivolt and Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B30 Datasheet(HTML) 1 Page - Analog Devices

  5B30 Datasheet HTML 1Page - Analog Devices 5B30 Datasheet HTML 2Page - Analog Devices 5B30 Datasheet HTML 3Page - Analog Devices 5B30 Datasheet HTML 4Page - Analog Devices 5B30 Datasheet HTML 5Page - Analog Devices 5B30 Datasheet HTML 6Page - Analog Devices 5B30 Datasheet HTML 7Page - Analog Devices 5B30 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Millivolt and Voltage Input
5B30/5B31
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Isolated Voltage Input.
Amplifies, Protects, Filters, & Isolates Analog Input Voltages.
Protect the computer side from damage due to field-side
overvoltage faults.
A Series output switch eliminates the need for external
multiplexing in many applications.
Module circuitry can withstand 240v rms at the input screw-
terminals.
All 5B30 & 5B31 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost,
high performance plug-in signal conditioners. Designed for
industrial applications, these modules incorporate highly
reliable transformer-based isolation and automated surface-
mount manufacturing technology. They are compact,
economical components whose performance exceeds that
available from more expensive devices. Combining 1500 V rms
continuous isolation, +0.05% calibrated accuracy, small size and
low cost, the 5B Series is an attractive alternative to expensive
signal conditioners and in-house designs
All modules are potted and identical in pin-out and size (2.27” x
2.32” x 0.595”). They can be mixed and matched, permitting
users to address their exact needs, and may be “hot swapped
without disturbing field wiring or power. The isolated input
modules provide 0 to +5V or +5V outputs and accept J, K, T, E,
R, S, N, or B type thermocouples.
These modules feature complete signal conditioning functions
including 240 V rms input protection, filtering, chopper
stabilized low drift +1 uV/oC amplification, 1500 V rms
isolation, and sensor excitation when required.
All modules feature excellent common mode rejection and
meet industrial transient surge withstand specifications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 5B30/5B31 Functional Block Diagram
There are also a number of backplanes and mounting sockets
which provide a complete signal conditioning solution for end
users. Each backplane incorporates screw terminals for field
wiring inputs and outputs and cold junction sensors for
thermocouple applications.
These signal conditioners are designed to provide an easy and
convenient solution to signal conditioning problems of both
designers and end users in measurement and control
applications. Typical uses include microcomputer-based
measurement systems, standard data acquisition systems,
programmable controllers, analog recorders and dedicated
control systems. The 5 B series modules are ideally suited to
applications where monitoring and control of temperature,
pressure, flow, rotation and other analog signals are required.
The 5B Series modules and backplanes are approved by Factory
Mutual (FM) and the 5B Series modules are approved by the
Canadian Standards Association (CSA) for use in Class 1,
Division 2, Groups A, B, C, and D locations. These approvals
certify that the 5B Series is suitable for use in locations where a
hazardous concentration of flammable gas may exist only under
fault conditions of operation. Equipment of this category is
called “non-incendive” and they need no special enclosures or
other physical safeguards.
The 5B series modules and backplanes have been tested and
passed the stringent heavy industrial requirements of the
European Union’s electromagnetic compatibility (ENC)
directive – EN50082-1 and EN50081-2. When used according
to installation directions (refer to 5B series User Manual), any
errors caused by EMI/RFI interference will be less than 0.1% of
the full scale 5B measurement range for field strengths up to 10
V/M and frequencies up to 1 GHz.


Similar Part No. - 5B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
Single-Channel Signal Conditioning Module
5B32 AD-5B32_15 Datasheet
675Kb / 8P
Single-Channel Signal Conditioning Module
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
5B34-01 AD-5B34-01 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
5B34-02 AD-5B34-02 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
More results

Similar Description - 5B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B40 AD-5B40 Datasheet
695Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
5B40 AD-5B40_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
logo
Good Will Instrument Co...
GVT-427B GWINSTEK-GVT-427B Datasheet
561Kb / 1P
AC MILLIVOLT METER
logo
M-System Co.,Ltd.
R3-SV4A MSYSTEM-R3-SV4A Datasheet
121Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8A MSYSTEM-R3Y-SV8A Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.3 PF-S1SD-1AI-1U.3 Datasheet
813Kb / 4P
Millivolt Converter
2022-01-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com