Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2350 Datasheet (PDF) - List of Unclassifed Manufacturers

AS2350 Datasheet PDF - List of Unclassifed Manufacturers
Part # AS2350
Download  AS2350 Download
File Size   60.77 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Secondary Side Housekeeping Circuit

AS2350 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS2350 Datasheet PDF - List of Unclassifed Manufacturers

Part # AS2350
Download  AS2350 Click to download

File Size   60.77 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Secondary Side Housekeeping Circuit

AS2350 Datasheet (HTML) - List of Unclassifed Manufacturers


AS2350 Product details

[ASTEC Semiconductor]

Description
The AS23xx is a housekeeping circuit for monitoring the outputs of power supplies. It directly senses all the output rails without the need for external dividers and detects undervoltage and overvoltage. It also provides an additional undervoltage comparator which may be configured with any arbitrary hysteresis to sense a divided down representation of the AC bulk voltage. The housekeeping section provides all the features necessary to allow external caps to set the common timing features of PC type power supplies. In addition, negative rails may be sensed without the necessity of a VEE connection, and negative sensing may be disabled without affecting operation of the positive sense section. The 2.5 V series reference is available and can source up to 5 mA. This IC is available in 16 lead packages. Outputs include a POK (Power OK) and a fault signal.
The AS2333 includes sensing for ±12 V, 5 V, and 3.3V. The AS2350 exchanges a -5 V sense capability for the 3.3 V input. The AS2316 monitors all supply voltages, but lacks CBD (Crow-Bar Driver).

Features
• Standard PC Power Good:
   UV Detection on 4 rails
   UV Detection of AC/Bulk supply
   OV Detection on 4 rails
   Open collector PG out
• Pogrammable Fault output:
   OV
   OV plus UV
   OV plus UV after startup delay
• OV Crow Bar Driver
• Digital ON/OFF input
• 2.5V Voltage Reference
• Operates from 5V or 12V rail




Similar Part No. - AS2350

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS230-348 SKYWORKS-AS230-348 Datasheet
241Kb / 3P
GaAs SPDT IC 7 W T/R Switch DC -6 GHz
AS230-348 SKYWORKS-AS230-348 Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348LF SKYWORKS-AS230-348LF Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348 SKYWORKS-AS230-348_06 Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
logo
Power-One
AS2320-7R POWER-ONE-AS2320-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results


Similar Description - AS2350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
International Rectifier
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF Datasheet
284Kb / 8P
Secondary Side Synchronous Rectification
IRFH7110PBF IRF-IRFH7110PBF Datasheet
225Kb / 9P
Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF Datasheet
254Kb / 9P
Secondary Side Synchronous Rectification
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com