Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2350 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS2350
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2350 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS2350 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS23xx
Secondary Side Housekeeping Circuit
ASTEC Semiconductor
96
Electrical Characteristics (cont’d)
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 12 V;
+3.3 V = 3.3 V; +5 V = 5V; +12 V = 12 V; –12 V = –12 V; – 5 V = – 5 V.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
–5 V (Not available on AS2333)
–5 V Undervoltage
UV
– 3.80
– 4.00
– 4.20
V
–5 V Overvoltage
OV
– 6.00
– 6.25
– 6.55
V
–5 V Input Current
IB
V-5 =-5.0V
–80
–150
µA
–5 V Disable Voltage
VD
Minimum voltage to disable
2.3
2.4
V
–12 V
–12 V Undervoltage
UV
–9.20
–9.55
–9.80
V
–12 V Overvoltage
OV
–14.55
–15.04
–15.60
V
–12 V Input Current
IB
V-12 =-12.0V
– 100
–200
µA
–12 V Disable Voltage
VD
Minimum voltage to disable
2.0
2.2
V
AC/HYST
AC Undervoltage
UV
TJ = 25
° C
2.460
2.520
2.540
V
AC Input Current
IB
– 0.5
–1
µA
HYST High State Leakage
IL
VHYST = 5 V; AC > 2.5 V
0.01
1
µA
HYST Output Current
IOL
VHYST = 0.3 V; AC < 2.5 V
1
3
mA
HYST Low Voltage
VOL
IHYST = 1 mA; AC < 2.5 V
0.3
V
Outputs
POK High State Leakage
IL
VPOK = 12 V; no faults
100
200
µA
POK Output Current
IOL
VPOK = 0.4 V; VCC = 7 V undervoltage
5
10
mA
condition
FAULT High State Leakage
IL
VFAULT = 12 V; OFF = High
0.01
1
µA
FAULT Output Current
VOL
VFAULT = 0.4 V; no faults
VCC = 12 V
3
10
mA
VCC = 5 V
1.3
4
mA
CBD (Crow Bar Drive)
IOH
overvoltage condition
– 25
–35
mA
Minimum Output Current
CBD Output High Voltage
VOH
ICBD = 0 mA; T = 25
° C
2.0
2.5
3.0
V
ICBD = 0 mA; T = 105
° C; overvoltage
1.4
3.3
V
condition
CBD Pulldown Resistance
ROUT
ICBD = 1 mA; no faults
300
500
1000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com