Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1431A Datasheet (PDF) - Anpec Electronics Coropration

APL1431A Datasheet PDF - Anpec Electronics Coropration
Part # APL1431A
Download  APL1431A Download
File Size   460.49 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Precision Shunt Regulator

APL1431A Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1431A Datasheet PDF - Anpec Electronics Coropration

Part # APL1431A
Download  APL1431A Click to download

File Size   460.49 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Precision Shunt Regulator

APL1431A Datasheet (HTML) - Anpec Electronics Coropration


APL1431A Product details

General Description
The APL1431 is a 3-terminal adjustable voltage reference with specified thermal stability over applicable commercial temperature ranges. Output voltage may be set to any value between Vref (2.5 V) and 20 V with two external resistors (see Figure 2). When used with an photocoupler, the APL1431 is an ideal voltage reference in isolated feedback circuits for 2.5V to 12V switching-mode power supplies. This device has a typical output impedance of 0.1Ω. Active output circuitry provides a very sharp turn-on characteristic,making the APL1431 excellent replacements for zener diodes in many applications, including on-board regulation and adjustable power supplies.

Features
• Precise Reference Voltage to 2.500V
• Guaranteed 0.5% or 1% Reference Voltage Tolerance
• Sink Current Capability , 1mA to 100mA
• Quick Turn-on
• Adjustable Output Voltage , VO = VREF to 20V
• Low Operational Cathode Current , 250µA Typical
• 0.1Ω Typical Output Impedance
• SOT-23 , SOT-89 and TO-92 Packages

Applications
• Linear Regulators
• Adjustable Power Supply
• Switching Power Supply




Similar Part No. - APL1431A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431L ANPEC-APL1431L Datasheet
97Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PB ANPEC-APL1431LABC-PB Datasheet
97Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PBL ANPEC-APL1431LABC-PBL Datasheet
97Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TB ANPEC-APL1431LABC-TB Datasheet
97Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TBL ANPEC-APL1431LABC-TBL Datasheet
97Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
More results


Similar Description - APL1431A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com