Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1431L Datasheet (PDF) - Anpec Electronics Coropration

APL1431L Datasheet PDF - Anpec Electronics Coropration
Part # APL1431L
Download  APL1431L Download
File Size   97.54 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Voltage Adjustable Precision Shunt Regulator

APL1431L Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1431L Datasheet PDF - Anpec Electronics Coropration

Part # APL1431L
Download  APL1431L Click to download

File Size   97.54 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Voltage Adjustable Precision Shunt Regulator

APL1431L Datasheet (HTML) - Anpec Electronics Coropration


APL1431L Product details

General Description
The APL1431L is a 3-terminal low voltage adjustable precision reference with specified thermal stability over applicable commercial temperature ranges . Output voltage may be set to any value between VREF (1.24 V) and 20 V with two external resistors (see Figure 2) . When used with an photocoupler , the APL1431L is an ideal voltage reference in isolated feedback circuits for 1.24V to 12V switching mode power supplies . This device has a typical output impedance of 0.1Ω . Active output circuitry provides a very sharp turn-on characteristic , making the APL1431L excellent replacements for zener diodes in many applications , including on-board regulation and adjustable power supplies.

Features
• Precise Reference Voltage to 1.24V
• Guaranteed 0.5% or 1% Reference Voltage Tolerance
• Sink Current Capability , 60mA to 100mA
• Quick Turn-on
• Adjustable Output Voltage , VO = VREF to 20V
• Low Operational Cathode Current , 60mA Typical
• 0.1Ω Typical Output Impedance
• SOT-23-5 Packages

Applications
• Linear Regulators
• Adjustable Power Supply
• Switching Power Supply




Similar Part No. - APL1431L

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
APL1431A ANPEC-APL1431A Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
APL1431AAC-PB ANPEC-APL1431AAC-PB Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
APL1431AAC-TB ANPEC-APL1431AAC-TB Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
APL1431AAC-TR ANPEC-APL1431AAC-TR Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
More results


Similar Description - APL1431L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com