Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-314 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-314 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-314
Download  SW-314 Download
File Size   229.0 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Integral TTL Driver

SW-314 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-314 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-314
Download  SW-314 Click to download

File Size   229.0 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Integral TTL Driver

SW-314 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-314 Product details

Description
M/A-COM’s SW-314 is a GaAs MMIC SP4T absorptive switch with an integral silicon ASIC driver. This device is in a 24-lead ceramic surface mount package. These switches exhibit excellent performance from DC to 3 GHz, with very low DC power dissipation. The SW-314 is ideally suited for RF/IF communications applications. Environmental screening is available. Contact the factory for information.

Features
• Integral TTL Driver
• Isolation: 50 dB Typ. At 1 GHz
• Ultra Low DC Power Consumption
• Hermetic Surface Mount Package
• 50 Ohms Nominal Impedance
• MIL-STD-883 Screening Available




Similar Part No. - SW-314

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW-314-TB MACOM-SW-314-TB Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
More results


Similar Description - SW-314

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
1:9 TTL Clock Driver
February, 2006 ??Rev. 6
logo
API Technologies Corp
TAD6005 APITECH-TAD6005 Datasheet
194Kb / 1P
5 Bit Digital Attenuator Integral TTL Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
TTL Clock Driver
April, 2015 ??Rev. 7
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
List of Unclassifed Man...
B100XXL ETC-B100XXL Datasheet
405Kb / 11P
LED displays with integral driver
Ver 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com