Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-314 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-314
Description  Integral TTL Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-314 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-314 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-314 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-314 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314
V 5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574200, Fax+44 (1908) 574300
2
Electrical Specifications4,5 (From –55°C to +85°C)
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
1.3
1.4
1.6
1.8
Isolation
—
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
50
40
35
30
—
—
—
—
—
—
—
—
VSWR
RFC, RF1 - RF4 (On)
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.6:1
1.6:1
1.6:1
1.8:1
VSWR
RF1 - RF4 (Off)
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.3:1
1.5:1
1.9:1
2.4:1
Trise, Tfall
10% to 90%
—
ns
—
7
—
Ton, Toff
50% Control to 90% / 10% RF
—
ns
—
25
—
Transients
In-Band (peak-peak)
—
mV
—
20
—
1 dB Compression
Input Power
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+20
+27
—
—
IP3
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+35
+46
—
—
IP2
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+45
+60
—
—
Vcc
—
—
V
4.5
5.0
5.5
Vee
—
—
V
-8.0
—
-5.0
Icc
Vcc = 4.5 to 5.5 V
Vctl = 0 to 0.8V, or Vcc –2.1V to Vcc
—
mA
—
0.2
4.0
Iee
Vee = -5.0V to -8.0V
—
mA
—
0.1
1.0
Vctl
Vctl
Logic 0 (TTL)
Logic 1 (TTL)
—
—
V
V
0.0
2.0
—
—
0.8
5.0
Input Leakage
Current (Low)
0 to 0.8V
—
µA
—
—
1.0
Input Leakage
Current (High)
2.0 to 5.0V
—
µA
—
—
1.0
4. All specifications apply when operated with bias voltages of +5V for Vcc and –5V for Vee.
5. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com