Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ3101 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ3101 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ3101
Download  AOZ3101 Download
File Size   878.26 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A Synchronous EZBuckTM Regulator

AOZ3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ3101 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ3101
Download  AOZ3101 Click to download

File Size   878.26 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A Synchronous EZBuckTM Regulator

AOZ3101 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ3101

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3103 AOSMD-AOZ3103 Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ3103DI AOSMD-AOZ3103DI Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
More results


Similar Description - AOZ3101

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ1268QI-02 AOSMD-AOZ1268QI-02 Datasheet
775Kb / 15P
24V/10A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-15 AOSMD-AOZ2261QI-15 Datasheet
955Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ3103 AOSMD-AOZ3103 Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6643DI AOSMD-AOZ6643DI Datasheet
660Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com