Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6762DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6762DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6762DI
Download  AOZ6762DI Download
File Size   877.79 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 2A 1.25MHz Synchronous Buck Regulator

AOZ6762DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6762DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6762DI
Download  AOZ6762DI Click to download

File Size   877.79 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 2A 1.25MHz Synchronous Buck Regulator

AOZ6762DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6762DI Product details

General Description
The AOZ6762DI is a high efficiency, easy to use, 2A
synchronous buck regulator at high switching frequency
for small form factor solution. The AOZ6762DI works
from 4.5V to 18V input voltage range, and provides up to
2A of continuous output current with an output voltage
adjustable down to 0.6V.
The AOZ6762DI features fixed frequency operation at
heavy load and Pulse Energy Mode (PEM) at light load,
providing best efficiency across whole load range.
The AOZ6762DI comes in a DFN 3mm x 3mm 8-lead
package and is rated over a -40°C to +85°C operating
ambient temperature range.

Features
 4.5V to 18V operating input voltage range
 Synchronous Buck: 145mΩ internal high-side switch
and 90mΩ Internal low-side switch
 Up to 95% efficiency
 30ns controllable minimum on-time enabling this part
to operate at Vo=0.9V with 12V power rail
 Pulse Energy Mode for light load efficiency (VIN=12V,
VOUT=5V, 87%@10mA)
 Output voltage adjustable to 0.6V
 2A continuous output current
 Fixed frequency 1.25MHz PWM operation
 External compensation for flexible LC design
 Internal Soft Start
 Cycle-by-cycle current limit
 Pre-bias start-up
 Short-circuit protection
 Thermal shutdown

Applications
 High performance wireless AP/router
 High reliable DC/DC converters
 High performance LCD TV
 High performance cable modems




Similar Part No. - AOZ6762DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6763DI AOSMD-AOZ6763DI Datasheet
1Mb / 15P
3A 1.25MHz Synchronous EZBuckTM Regulator
Rev. 1.0 October 2019
More results


Similar Description - AOZ6762DI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
2A Synchronous EZBuckTM Regulator
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ6763DI AOSMD-AOZ6763DI Datasheet
1Mb / 15P
3A 1.25MHz Synchronous EZBuckTM Regulator
Rev. 1.0 October 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com