Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6606PI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6606PI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6606PI
Download  AOZ6606PI Download
File Size   992.42 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 6A Synchronous Buck Regulator

AOZ6606PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6606PI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6606PI
Download  AOZ6606PI Click to download

File Size   992.42 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 6A Synchronous Buck Regulator

AOZ6606PI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6606PI Product details

General Description
The AOZ6606PI works from 4.5V to 18V input voltage
range, and provides up to 6A of continuous output
current with an output voltage adjustable down to 0.8V.
The AOZ6606PI comes in EPAD-SO8 package and is
rated over a -40°C to +85°C operating ambient
temperature range.

Features
 4.5V to 18V operating input voltage range
 Synchronous Buck with internal low RDS(ON) (52m/
24m) high-side and low-side MOSFETs
 External program soft start
 U-PEM (pulse energy mode) enables 86% plus
efficiency with Io=10mA (Vin=12V, Vo=5V)
 Adjacent pin short protection
 Output voltage adjustable to 0.8V
 6A continuous output current
 600kHz PWM operation
 Cycle-by-cycle current limit
 Pre-bias start-up
 Extensive protection features
 EPAD-SO8 package

Applications
 High reliable DC/DC converters
 High performance LCD TV
 High performance cable modems




Similar Part No. - AOZ6606PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
AOZ6605PI AOSMD-AOZ6605PI Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results


Similar Description - AOZ6606PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1232-01 AOSMD-AOZ1232-01 Datasheet
859Kb / 18P
28V/6A Synchronous EZBuckTM Regulator
AOZ1232QI-01 AOSMD-AOZ1232QI-01 Datasheet
859Kb / 18P
28V/6A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2236QI-01 AOSMD-AOZ2236QI-01 Datasheet
1Mb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2260QI-10 AOSMD-AOZ2260QI-10 Datasheet
917Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2260AQI-15 AOSMD-AOZ2260AQI-15 Datasheet
2Mb / 15P
28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2152LQI-30 AOSMD-AOZ2152LQI-30 Datasheet
2Mb / 15P
28V/6A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2260QI-11 AOSMD-AOZ2260QI-11 Datasheet
1Mb / 16P
28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2260AQI-10 AOSMD-AOZ2260AQI-10 Datasheet
2Mb / 15P
28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2152EQI-30 AOSMD-AOZ2152EQI-30 Datasheet
1Mb / 15P
28V/6A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com