Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6604PI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6604PI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6604PI
Download  AOZ6604PI Download
File Size   982.69 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 4A Synchronous Buck Regulator

AOZ6604PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6604PI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6604PI
Download  AOZ6604PI Click to download

File Size   982.69 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 4A Synchronous Buck Regulator

AOZ6604PI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6604PI Product details

General Description
The AOZ6604PI works from 4.5V to 18V input voltage
range, and provides up to 4A of continuous output
current with an output voltage adjustable down to 0.8V.
The AOZ6604PI comes in EPAD-SO8 package and is
rated over a -40°C to +85°C operating ambient
temperature range.

Features
 4.5V to 18V operating input voltage range
 Synchronous Buck with internal low RDS(ON) (55m/
28m) high-side and low-side MOSFETs
 External program soft start
 U-PEM (pulse energy mode) enables 86% plus
efficiency with Io=10mA (Vin=12V, Vo=5V)
 Adjacent pin short protection
 Output voltage adjustable to 0.8V
 4A continuous output current
 600kHz PWM operation
 Cycle-by-cycle current limit
 Pre-bias start-up
 Extensive protection features
 EPAD-SO8 package

Applications
 High reliable DC/DC converters
 High performance LCD TV
 High performance cable modems




Similar Part No. - AOZ6604PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
AOZ6605PI AOSMD-AOZ6605PI Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
More results


Similar Description - AOZ6604PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1231-01 AOSMD-AOZ1231-01 Datasheet
927Kb / 17P
28V/4A Synchronous EZBuckTM Regulator
AOZ1231QI-01 AOSMD-AOZ1231QI-01 Datasheet
922Kb / 17P
28V/4A Synchronous EZBuckTM Regulator
AOZ2151QI-01 AOSMD-AOZ2151QI-01 Datasheet
575Kb / 16P
28V/4A Synchronous EZBuckTM Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ2151EQI-30 AOSMD-AOZ2151EQI-30 Datasheet
1Mb / 15P
28V/4A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018
AOZ2151LQI-30 AOSMD-AOZ2151LQI-30 Datasheet
2Mb / 15P
28V/4A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2151PQI-03 AOSMD-AOZ2151PQI-03 Datasheet
2Mb / 17P
28V/4A Synchronous EZBuckTM Regulator
Rev 1.0 July 2017
AOZ2151PQI-10 AOSMD-AOZ2151PQI-10 Datasheet
1Mb / 17P
28V/4A Synchronous EZBuckTM Regulator
Rev 1.0 August 2017
AOZ2151TQI-19 AOSMD-AOZ2151TQI-19 Datasheet
859Kb / 16P
28V/4A Synchronous EZBuckTM Regulator
Rev. 2.0 September 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com