Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6605 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6605 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6605
Download  AOZ6605 Download
File Size   650.79 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 5A Synchronous Buck Regulator

AOZ6605 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6605 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6605
Download  AOZ6605 Click to download

File Size   650.79 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 5A Synchronous Buck Regulator

AOZ6605 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ6605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results


Similar Description - AOZ6605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
AOZ6689CI AOSMD-AOZ6689CI Datasheet
657Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ2152EQI-28 AOSMD-AOZ2152EQI-28 Datasheet
1Mb / 15P
28V/5A Synchronous EZBuckTM Regulator
Rev 1.2 October 2018
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com