Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6663DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6663DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6663DI
Download  AOZ6663DI Download
File Size   691.23 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 3A Synchronous Buck Regulator

AOZ6663DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6663DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6663DI
Download  AOZ6663DI Click to download

File Size   691.23 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuckTM 3A Synchronous Buck Regulator

AOZ6663DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6663DI Product details

General Description
The AOZ6663DI and AOZ6663DI-01 are high efficiency,
easy to use, 3A synchronous buck regulators at fixed
switching frequency for small form factor solution. Both
AOZ6663DI and AOZ6663DI-01 work from 4.5V to 18V
input voltage range, and provides up to 3A of continuous
output current with an output voltage adjustable down to
0.6V.
The AOZ6663DI features fixed frequency operation at
heavy load and Pulse Energy Mode (PEM) at light load,
providing best efficiency across whole load range.
The AOZ6663DI-01 features fixed frequency operation at
any load when output voltage is set to be lower than 4V.
This makes it a perfect fit for low noise audio application.
When output is set to be higher than 4V, Pulse Energy
Mode (PEM) is automatically enabled to achieve high
efficiency at standby light load. This allows flexible
solution to use a single product for multiple power rails
with different requirement.
Both AOZ6663DI and AOZ6663DI-01 come in a DFN
3mm x 3mm 8-lead package and is rated over a -40°C to
+85°C operating ambient temperature range.

Features
 4.5V to 18V operating input voltage range
 3A continuous output current
 Low on-resistance:
- 145mΩ high-side
- 80mΩ low-side
 Up to 95% efficiency
 AOZ6663DI light load mode:
- Pulse Energy Mode (PEM)
 AOZ6663DI-01 light load mode:
- Fixed frequency if VOUT < 4V
- Pulse Energy Mode (PEM) if VOUT > 4V
 87% light load efficiency at 10mA with PEM
 Minimum output voltage at 0.6V
 750kHz PWM operation
 Fixed internal soft start
 Capable to handle pre-bias start-up
 Cycle-by-cycle current limit
 Short-circuit protection
 Thermal shutdown

Applications
 High reliable DC/DC converters
 High performance LCD TV
 High performance cable modems




Similar Part No. - AOZ6663DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6662DI-01 AOSMD-AOZ6662DI-01 Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
More results


Similar Description - AOZ6663DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3103 AOSMD-AOZ3103 Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6643DI AOSMD-AOZ6643DI Datasheet
660Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6689CI AOSMD-AOZ6689CI Datasheet
657Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021
AOZ2250BQI-22 AOSMD-AOZ2250BQI-22 Datasheet
1Mb / 15P
28V/3A Synchronous EZBuckTM Regulator
Rev 1.0 November 2019
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ6763DI AOSMD-AOZ6763DI Datasheet
1Mb / 15P
3A 1.25MHz Synchronous EZBuckTM Regulator
Rev. 1.0 October 2019
AOZ2150EQI-30 AOSMD-AOZ2150EQI-30 Datasheet
1Mb / 15P
28V/3A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com