Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ6763DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ6763DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ6763DI
Download  AOZ6763DI Download
File Size   1276.92 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 3A 1.25MHz Synchronous EZBuckTM Regulator

AOZ6763DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ6763DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ6763DI
Download  AOZ6763DI Click to download

File Size   1276.92 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 3A 1.25MHz Synchronous EZBuckTM Regulator

AOZ6763DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ6763DI Product details

General Description
The AOZ6763DI is a high efficiency, easy to use, 3A
synchronous buck regulator at high switching frequency
for small form factor solution. The AOZ6763DI works
from 4.5V to 18V input voltage range, and provides up to
3A of continuous output current with an output voltage
adjustable down to 0.6V.
The AOZ6763DI comes in a DFN 3mm x 3mm package
and is rated over a -40°C to +85°C operating ambient
temperature range.

Features
 4.5V to 18V operating input voltage range
 Synchronous Buck: 145mΩ internal high-side switch
and 80mΩ Internal low-side switch
 Up to 95% efficiency
 30ns controllable minimum on-time enabling this part
can work at Vo=0.9V with 12V power rail
 Pulse Energy Mode for light load efficiency (Vin=12V,
Vo=5V, 86%@10mA)
 Output voltage adjustable to 0.6V
 3A continuous output current
 Fixed frequency 1.25MHz PWM operation
 External compensation for flexible LC design
 Internal Soft Start
 Cycle-by-cycle current limit
 Pre-bias start-up
 Short-circuit protection
 Thermal shutdown

Applications
 High performance wireless AP/router
 High reliable DC/DC converters
 High performance LCD TV
 High performance cable modems




Similar Part No. - AOZ6763DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results


Similar Description - AOZ6763DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
2A Synchronous EZBuckTM Regulator
AOZ3103 AOSMD-AOZ3103 Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6643DI AOSMD-AOZ6643DI Datasheet
660Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
AOZ6689CI AOSMD-AOZ6689CI Datasheet
657Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021
AOZ2250BQI-22 AOSMD-AOZ2250BQI-22 Datasheet
1Mb / 15P
28V/3A Synchronous EZBuckTM Regulator
Rev 1.0 November 2019
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
AOZ2150EQI-30 AOSMD-AOZ2150EQI-30 Datasheet
1Mb / 15P
28V/3A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com