Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3420 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS3420 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS3420
Download  TS3420 Download
File Size   419.8 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 1.25MHz Synchronous Buck Converter

TS3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3420 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS3420
Download  TS3420 Click to download

File Size   419.8 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 1.25MHz Synchronous Buck Converter

TS3420 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - TS3420

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
More results


Similar Description - TS3420

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
logo
Alpha & Omega Semicondu...
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com