Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LP3E Datasheet (PDF) - Analog Devices

HMC674LP3E Datasheet PDF - Analog Devices
Part # HMC674LP3E
Download  HMC674LP3E Download
File Size   330.67 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9.3 GHz Latched Comparator

HMC674LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC674LP3E Datasheet PDF - Analog Devices

Part # HMC674LP3E
Download  HMC674LP3E Click to download

File Size   330.67 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9.3 GHz Latched Comparator

HMC674LP3E Datasheet (HTML) - Analog Devices


HMC674LP3E Product details

GENERAL DESCRIPTION
The HMC674LC3C/HMC674LP3E are silicon germanium (SiGe), monolithic, ultrafast comparators that feature reduced swing positive emitter-coupled logic (RSPECL) output drivers and latch inputs. These comparators support 10 Gbps operation and provide 85 ps propagation delay and an input signal minimum pulse width of 60 ps with 0.2 ps rms of random jitter (RJ). Overdrive and slew rate dispersion is typically 10 ps, making the HMC674LC3C/HMC674LP3E ideal for a wide range of applications from ATE to broadband communications. The RSPECL output stages directly drive 400 mV into a 50 Ω resistor terminated to VTT = (VCCO − 2.0 V), where VTT is the PECL termination voltage (see Figure 16). The HMC674LC3C/HMC674LP3E feature a high speed latch and programmable hysteresis. These devices can operate in either latch mode or as a tracking comparator.

FEATURES
   Equivalent input bandwidth: 9.3 GHz typical
   Propagation delay: 85 ps typical
   Overdrive and slew rate dispersion: 10 ps typical
   Input signal minimum pulse width: 60 ps typical
   Resistor programmable hysteresis
   Differential latch control
   Power dissipation: 140 mW typical
   16-terminal, 3 mm × 3 mm, ceramic leadless chip carrier (LCC)
   16-lead lead frame chip scale package (LFCSP)

APPLICATIONS
   Automatic test equipment (ATE) applications
   High speed instrumentation
   Digital receiver systems
   Pulse spectroscopy
   High speed trigger circuits
   Clock and data restoration




Similar Part No. - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
More results


Similar Description - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com