Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LP3E Datasheet (PDF) - Hittite Microwave Corporation

HMC674LP3E Datasheet PDF - Hittite Microwave Corporation
Part # HMC674LP3E
Download  HMC674LP3E Download
File Size   492.81 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE

HMC674LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC674LP3E Datasheet PDF - Hittite Microwave Corporation

Part # HMC674LP3E
Download  HMC674LP3E Click to download

File Size   492.81 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE

HMC674LP3E Datasheet (HTML) - Hittite Microwave Corporation


HMC674LP3E Product details

General Description
the Hmc674Lp3E is a siGe monolithic, ultra fast comparator which features reduced swing (rs) pEcL output drivers and latch inputs. the comparator supports 10 Gbps operation while providing 85 ps propagation delay and 60 ps minimum pulse width with 0.2 ps rms random jitter (rJ). overdrive and slew rate dispersion are typically 10 ps, making the device ideal for a wide range of applications from atE to broadband communications. the reduced swing pEcL output stages are designed to directly drive 400 mV into 50 ohms terminated to +1.3 V while maintaining compatibility with other pEcL logic families. the Hmc674Lp3E features high speed latch and programmable hysteresis and may be configured to operate in either latch mode, or as a tracking comparator.

Features
   Equivalent Input Bandwidth: 10 GHz
   Propagation Delay: 85 ps
   Overdrive & Slew Rate Dispersion: 10 ps
   Minimum Pulse Width: 60 ps
   Resistor Programmable Hysteresis
   Differential Latch Control
   Power Dissipation: 140 mW
   RSCML and RSECL Versions Available
   16 Lead 3 x 3 mm SMT Package: 9 mm2

Typical Applications
The Hmc674Lp3E is ideal for:
• ATE Applications
• High Speed Instrumentation
• Digital Receiver Systems
• Pulse Spectroscopy
• High Speed Trigger Circuits
• Clock & Data Restoration




Similar Part No. - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC674LP3E AD-HMC674LP3E Datasheet
330Kb / 14P
9.3 GHz Latched Comparator
HMC674LP3ETR AD-HMC674LP3ETR Datasheet
330Kb / 14P
9.3 GHz Latched Comparator
More results


Similar Description - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com