Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA7050 Datasheet (PDF) - List of Unclassifed Manufacturers

ILA7050 Datasheet PDF - List of Unclassifed Manufacturers
Part # ILA7050
Download  ILA7050 Download
File Size   104.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW VOLTAGE MONO/STEREO POWER AMPLIFIER

ILA7050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILA7050 Datasheet PDF - List of Unclassifed Manufacturers

Part # ILA7050
Download  ILA7050 Click to download

File Size   104.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW VOLTAGE MONO/STEREO POWER AMPLIFIER

ILA7050 Datasheet (HTML) - List of Unclassifed Manufacturers


ILA7050 Product details

[Integral]

GENERAL DESCRIPTION
The ILA7050 is a low voltage audio amplifier for small radios with headphones (such as watch, pen and pocket radios) in mono (bridge-tied load) or stereo applications.

Features
• Limited to battery supply application only (typ. 3 and 4 V)
• Operates with supply voltage down to 1,6 V
• No external components required
• Very low quiescent current
• Fixed integrated gain of 26 dB, floating differential input
• Flexibility in use - mono BTL as well as stereo
• Small dimension of encapsulation (see package design example)




Similar Part No. - ILA7050

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA7050N IKSEMICON-ILA7050N Datasheet
149Kb / 3P
Very low quiescent current
More results


Similar Description - ILA7050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7050 PHILIPS-TDA7050 Datasheet
55Kb / 8P
Low voltage mono/stereo power amplifier
June 1989
TDA7050T PHILIPS-TDA7050T Datasheet
54Kb / 9P
Low voltage mono/stereo power amplifier
July 1994
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
List of Unclassifed Man...
ADA7555 ETC-ADA7555 Datasheet
336Kb / 1P
Stereo / Mono Distribution Amplifier
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
KODENSHI_AUK CORP.
KKA7050 KODENSHI-KKA7050 Datasheet
120Kb / 3P
LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
Mono/Stereo High-Power Class-D Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com