Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9736 Datasheet (PDF) - Maxim Integrated Products

MAX9736 Datasheet PDF - Maxim Integrated Products
Part # MAX9736
Download  MAX9736 Download
File Size   568.44 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono/Stereo High-Power Class D Amplifier

MAX9736 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9736 Datasheet PDF - Maxim Integrated Products

Part # MAX9736
Download  MAX9736 Click to download

File Size   568.44 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono/Stereo High-Power Class D Amplifier

MAX9736 Datasheet (HTML) - Maxim Integrated Products


MAX9736 Product details

General Description
The MAX9736A/B/D Class D amplifiers provide high performance, thermally efficient amplifier solutions. The MAX9736A delivers 2 x 15W into 8Ω loads, or 1 x 30W into a 4Ω load. The MAX9736B/D deliver 2 x 6W into 8Ω loads or 1 x 12W into a 4Ω load.
These devices operate from 8V to 28V and provide a high PSRR, eliminating the need for a regulated power supply. The MAX9736 offers up to 88% efficiency at 12V supply.
Pin-selectable modulation schemes select between filterless modulation and classic PWM modulation. Filterless modulation allows the MAX9736 to pass CE EMI limits with 1m cables using only a low-cost ferrite bead and capacitor on each output. Classic PWM modulation is optimized for best audio performance when using a full LC filter.

Features
♦ Wide 8V to 28V Supply Voltage Range
♦ Spread-Spectrum Modulation Enables Low EMI Solution
♦ Passes CE EMI Limits with Low-Cost Ferrite Bead/Capacitor Filter
♦ Low BOM Cost
♦ High 67dB PSRR at 1kHz Reduces Supply Cost
♦ 88% Efficiency Eliminates Heatsink
♦ Thermal and Output Current Protection
♦ < 1µA Shutdown Mode
♦ Mute Function
♦ Space-Saving, 32-Pin TQFN Packages, 7mm x
   7mm x 0.8mm (MAX9736A/B), 5mm x 5mm x 0.8mm (MAX9736D)

Applications
   LCD/PDP/CRT Monitors
   LCD/PDP/CRT TVs
   MP3 Docking Stations
   Notebook PCs
   PC Speakers
   All-in-One PCs




Similar Part No. - MAX9736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
logo
Analog Devices
MAX9736 AD-MAX9736 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 4 11/19
logo
Maxim Integrated Produc...
MAX9736A MAXIM-MAX9736A Datasheet
249Kb / 10P
Shutdown and Mute Control
Rev 1; 9/09
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
MAX9736AETJ+ MAXIM-MAX9736AETJ+ Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
More results


Similar Description - MAX9736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
Mono/Stereo High-Power Class-D Amplifier
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com