Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9736 Datasheet (PDF) - Analog Devices

MAX9736 Datasheet PDF - Analog Devices
Part # MAX9736
Download  MAX9736 Download
File Size   1898.31 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono/Stereo High-Power Class D Amplifier

MAX9736 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9736 Datasheet PDF - Analog Devices

Part # MAX9736
Download  MAX9736 Click to download

File Size   1898.31 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono/Stereo High-Power Class D Amplifier

MAX9736 Datasheet (HTML) - Analog Devices


MAX9736 Product details

Features
●● Independently Controlled Dual Paths
●● Wide 8V to 28V Supply Voltage Range
●● Spread-Spectrum Modulation Enables Low EMI
Solution
●● Passes CE EMI Limits with Low-Cost Ferrite
Bead/Capacitor Filter
●● Low BOM Cost
●● High 67dB PSRR at 1kHz Reduces Supply Cost
●● 88% Efficiency Eliminates Heatsink
●● Thermal and Output Current Protection
●● < 1μA Shutdown Mode
●● Mute Function
●● Space-Saving, 32-Pin TQFN Packages, 7mm x 7mm
x 0.8mm (MAX9736A/B), 5mm x 5mm x 0.8mm
(MAX9736D)




Similar Part No. - MAX9736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
MAX9736 MAXIM-MAX9736 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
MAX9736A MAXIM-MAX9736A Datasheet
249Kb / 10P
Shutdown and Mute Control
Rev 1; 9/09
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
MAX9736AETJ+ MAXIM-MAX9736AETJ+ Datasheet
568Kb / 22P
Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
More results


Similar Description - MAX9736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
Mono/Stereo High-Power Class-D Amplifier
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com