Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1510 Datasheet (PDF) - Maxim Integrated Products

MAX1510 Datasheet PDF - Maxim Integrated Products
Part # MAX1510
Download  MAX1510 Download
File Size   415.9 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage DDR Linear Regulator

MAX1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1510 Datasheet PDF - Maxim Integrated Products

Part # MAX1510
Download  MAX1510 Click to download

File Size   415.9 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage DDR Linear Regulator

MAX1510 Datasheet (HTML) - Maxim Integrated Products


MAX1510 Product details

General Description
The MAX1510/MAX17510 DDR linear regulators source and sink up to 3A peak (typ) using internal n-channel MOSFETs. These linear regulators deliver an accurate 0.5V to 1.5V output from a low-voltage power input (VIN = 1.1V to 3.6V). The MAX1510/MAX17510 use a separate 3.3V bias supply to power the control circuitry and drive the internal n-channel MOSFETs.

Features
● Internal Power MOSFETs with Current Limit (3A typ)
● Fast Load-Transient Response
● External Reference Input with Reference Output Buffer
● 1.1V to 3.6V Power Input
● ±15mV (max) Load-Regulation Error
● Thermal-Fault Protection
● Shutdown Input
● Power-Good Window Comparator with 2ms (typ) Delay
● Small, Low-Profile 10-Pin, 3mm x 3mm TDFN Package
● Ceramic or Polymer Output Capacitors

Applications
● Notebook/Desktop Computers
● DDR Memory Termination
● Active Termination Buses
● Graphics Processor Core Supplies
● Chipset/RAM Supplies as Low as 0.5V




Similar Part No. - MAX1510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
546Kb / 13P
Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15101EVKIT MAXIM-MAX15101EVKIT Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15102 MAXIM-MAX15102 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15102EVKIT MAXIM-MAX15102EVKIT Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
More results


Similar Description - MAX1510

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 8/06
logo
Semtech Corporation
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510_11 Datasheet
546Kb / 13P
Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
Low Voltage DDR Termination Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com