Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8794 Datasheet (PDF) - Maxim Integrated Products

MAX8794 Datasheet PDF - Maxim Integrated Products
Part # MAX8794
Download  MAX8794 Download
File Size   386.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage DDR Linear Regulator

MAX8794 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8794 Datasheet PDF - Maxim Integrated Products

Part # MAX8794
Download  MAX8794 Click to download

File Size   386.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage DDR Linear Regulator

MAX8794 Datasheet (HTML) - Maxim Integrated Products


MAX8794 Product details

General Description
The MAX8794 DDR linear regulator sources and sinks up to 3A peak (typ) using internal n-channel MOSFETs. This linear regulator delivers an accurate 0.5V to 1.5V output from a low-voltage power input (VIN = 1.1V to 3.6V). The MAX8794 uses a separate 3.3V bias supply to power the control circuitry and drive the internal n-channel MOSFETs.
The MAX8794 provides current and thermal limits to prevent damage to the linear regulator. Additionally, the MAX8794 generates a power-good (PGOOD) signal to indicate that the output is in regulation. During startup, PGOOD remains low until the output is in regulation for 2ms (typ). The internal soft-start limits the input surge current.
The MAX8794 powers the active-DDR termination bus that requires a tracking input reference. The MAX8794 can also be used in low-power chipsets and graphics processor cores that require dynamically adjustable output voltages. The MAX8794 is available in a 10-pin, 3mm x 3mm, TDFN package.

Features
♦ Internal Power MOSFETs with Current Limit (3A typ)
♦ Fast Load-Transient Response
♦ External Reference Input with Reference Output Buffer
♦ 1.1V to 3.6V Power Input
♦ ±15mV (max) Load-Regulation Error
♦ Thermal-Fault Protection
♦ Shutdown Input
♦ Power-Good Window Comparator with 2ms (typ) Delay
♦ Small, Low-Profile, 10-Pin, 3mm x 3mm TDFN Package
♦ Ceramic or Polymer Output Capacitors

Applications
   Notebook/Desktop Computers
   DDR Memory Termination
   Active Termination Buses
   Graphics Processor Core Supplies
   Chipset/RAM Supplies as Low as 0.5V




Similar Part No. - MAX8794

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794 Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794 Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794ETB MAXIM-MAX8794ETB Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794ETB+ MAXIM-MAX8794ETB+ Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794ETB+ MAXIM-MAX8794ETB+ Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
More results


Similar Description - MAX8794

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 5/04
logo
Semtech Corporation
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510_11 Datasheet
546Kb / 13P
Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
Low Voltage DDR Termination Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com