Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5054 Datasheet (PDF) - Maxim Integrated Products

MAX5054 Datasheet PDF - Maxim Integrated Products
Part # MAX5054
Download  MAX5054 Download
File Size   429.57 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 20ns, Dual MOSFET Drivers

MAX5054 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5054 Datasheet PDF - Maxim Integrated Products

Part # MAX5054
Download  MAX5054 Click to download

File Size   429.57 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 20ns, Dual MOSFET Drivers

MAX5054 Datasheet (HTML) - Maxim Integrated Products


MAX5054 Product details

General Description

The MAX5054–MAX5057 dual, high-speed MOSFET drivers source and sink up to 4A peak current. These devices feature a fast 20ns propagation delay and 20ns rise and fall times while driving a 5000pF capacitive load. Propagation delay time is minimized and matched between the inverting and noninverting inputs and between channels. High sourcing/sinking peak currents, low propagation delay, and thermally enhanced packages make the MAX5054–MAX5057 ideal for high frequency and high-power circuits.



Features

♦4V to 15V Single Power Supply

♦4A Peak Source/Sink Drive Current

♦20ns (typ) Propagation Delay

♦Matching Delay Between Inverting and Noninverting Inputs

♦Matching Propagation Delay Between Two Channels

♦VDD/ 2 CMOS Logic Inputs (MAX5054AATA)

♦TTL Logic Inputs (MAX5054B/MAX5055/MAX5056/MAX5057)

♦0.1 x VDD(CMOS) and 0.3V (TTL) Logic-Input Hysteresis

♦Up to +18V Logic Inputs (Regardless of VDD Voltage)

♦Low Input Capacitance: 2.5pF (typ)

♦40µA (typ) Quiescent Current

♦-40°C to +125°C Operating Temperature Range

♦8-Pin TDFN and SO Packages




Similar Part No. - MAX5054

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054 Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5054AATA MAXIM-MAX5054AATA Datasheet
279Kb / 15P
4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054AATA MAXIM-MAX5054AATA Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5054AATA+ MAXIM-MAX5054AATA+ Datasheet
279Kb / 15P
4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054AATA+ MAXIM-MAX5054AATA+ Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
More results


Similar Description - MAX5054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
4A, 20ns, MOSFET Driver
Rev 1; 9/05
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
Dual 4A High-Speed, Low-Side Gate Drivers
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com