Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPT2059A Datasheet (PDF) - International Rectifier

IRPT2059A Datasheet PDF - International Rectifier
Part # IRPT2059A
Download  IRPT2059A Download
File Size   333.62 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power Module for 2 hp Motor Drives

IRPT2059A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPT2059A Datasheet PDF - International Rectifier

Part # IRPT2059A
Download  IRPT2059A Click to download

File Size   333.62 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power Module for 2 hp Motor Drives

IRPT2059A Datasheet (HTML) - International Rectifier


IRPT2059A Product details

The IRPT2059A Power Module

The IRPT2059A power module, shown in figure 1, is a chip and wire epoxy encapsulated module. It houses input rectifiers, brake IGBT and freewheeling diode, output inverter, current sense shunts and NTC thermistor. The 3-phase input bridge rectifiers are rated at 800V. The inverter section uses 600V, short circuit rated, ultrafast IGBTs and ultrafast freewheeling diodes. Current sensing is achieved through 45 mΩ low inductance shunts provided in the positive and negative DC bus rail. The NTC thermistor provides temperature sensing capability. The lead spacing on the power module meets UL840 pollution level 3 requirements.

• 2 hp (1.5 kW) power output Industrial rating at 150% overload for 1 minute
• 180-240V AC input, 50/60 Hz
• 3-phase rectifier bridge
• 3-phase, short circuit rated, ultrafast IGBT inverter
• HEXFRED ultrafast soft recovery freewheeling diodes
• Brake IGBT and diode
• Low inductance (current sense) shunts in positive and negative DC rail
• NTC temperature sensor
• Pin-to-baseplate isolation 2500V rms
• Easy-to-mount two-screw package
• Case temperature range -25°C to 125°C operational




Similar Part No. - IRPT2059A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
Integrated Power Stage for 3 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT2056A IRF-IRPT2056A Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
More results


Similar Description - IRPT2059A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
Power Module for 1 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
Power Module for 5 hp Motor Drives
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
Power Module for 1 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
Power Module for 3 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
Power Module for 1 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
Power Module for 0.75 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
Power Module for 3 hp Motor Drives
IRPT1065A IRF-IRPT1065A Datasheet
206Kb / 12P
Power Module for 1 hp Motor Drives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com