Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPT2051 Datasheet (PDF) - International Rectifier

IRPT2051 Datasheet PDF - International Rectifier
Part # IRPT2051
Download  IRPT2051 Download
File Size   131.0 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Integrated Power Stage for 3 hp Motor Drives

IRPT2051 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPT2051 Datasheet PDF - International Rectifier

Part # IRPT2051
Download  IRPT2051 Click to download

File Size   131.0 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Integrated Power Stage for 3 hp Motor Drives

IRPT2051 Datasheet (HTML) - International Rectifier


IRPT2051 Product details

System Description

The IRPT2051C powIRTRAIN provides the complete power conversion function for a 3hp (2.2kW) variable-frequency, variable-voltage, AC motor controller. The powIRTRAIN combines a power assembly IRPT2051A with a Driver-Plus Board IRPT2051D. Figure 1 shows the block diagram of the powIRTRAIN within an AC motor control system.



· 3 hp (2.2kW) motor drive

  Industrial rating at 150% overload for 1 minute

· 380 - 480V AC, 50/60Hz

· Available as complete system or sub-system assemblie

Power Module

· 3-phase rectifier bridge

· 3-phase, short circuit rated, ultrafast IGBT inverter

· Brake IGBT and diode

· Low inductance (current sense) shunts in positive and negative DC rail

· NTC temperature sensor

· Pin-to-base plate isolation 2500V rms

· Easy-to-mount two-screw package

· Case temp. range -25° deg C to 125 deg C operational

Driver-Plus Board

· DC bus capacitor filter with NTC inrush current limiter

· IR2233 monolithic 3-phase HVIC driver

· Driver stage for brake transistor

· On-board +15V and +5V power supply

· MOV surge suppression at input

· DC bus voltage and current feedback

· Protection for short-circuit, earth/ground fault, overtemperature and overvoltage

· Terminal blocks for 3-phase input/output and brake connections




Similar Part No. - IRPT2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT2056A IRF-IRPT2056A Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
Power Module for 2 hp Motor Drives
More results


Similar Description - IRPT2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
Power Module for 5 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
Power Module for 2 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
Power Module for 3 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
Integrated Power Stage for 1 hp Motor Drives
IRPT1059 IRF-IRPT1059 Datasheet
333Kb / 12P
Integrated Power Stage for 1hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
Power Module for 0.75 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
Integrated Power Stage for 15 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
Integrated Power Stage for 0.75 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
Power Module for 3 hp Motor Drives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com