Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8260 Datasheet (PDF) - ATMEL Corporation

PC8260 Datasheet PDF - ATMEL Corporation
Part # PC8260
Download  PC8260 Download
File Size   364.53 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description PowerPC-based Communications Processors

PC8260 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC8260 Datasheet PDF - ATMEL Corporation

Part # PC8260
Download  PC8260 Click to download

File Size   364.53 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description PowerPC-based Communications Processors

PC8260 Datasheet (HTML) - ATMEL Corporation


PC8260 Product details

Description
The PC8260 PowerQUICC II™ is a versatile communications processor that integrates on one chip, a high-performance PowerPC (PC603e) RISC microprocessor, a highly flexible system integration unit, and many communications peripheral controllers that can be used in a variety of applications, particularly in communications and networking systems.

Features
• PC603e™ Microprocessor (Embedded PowerPC™ Core) at 100 - 200 MHz
   – 140 MIPS at 100 MHz (Dhrystone 2.1)
   – 280 MIPS at 200 MHz (Dhrystone 2.1)
   – High-performance, Superscalar Microprocessor
   – Disable CPU Mode
   – Improved Low-power Core
   – 16-Kbyte Data and 16-Kbyte Instruction Cache, Four-way Set Associative
   – Memory Management Unit
   – No Floating Point Unit
   – Common On-chip Processor (COP)
• System Integration Unit (SIU)
   – Memory Controller, Including Two Dedicated SDRAM Machines
   – PCI up to 66 MHz (Available in Subsequent Versions)
   – Hardware Bus Monitor and Software Watchdog Timer
   – IEEE 1149.1 JTAG Test Access Port
• High-performance Communications Processor Module (CPM) with Operating Frequency up to 166 MHz
   – PowerPC and CPM May Run at Different Frequencies
   – Supports Serial Bit Rates up to 710 Mbps at 133 MHz
   – Parallel I/O Registers
   – On-board 24 KBytes of Dual-port RAM
   – Two Multi-channel Controllers (MCCs) Each Supporting 128 Full-duplex, 64-Kbps, HDLC Lines
   – Virtual DMA Functionality
• Two Bus Architectures: One 64-bit PowerPC and One 32-bit Local Bus (or PCI on PC8265)
• Two UTOPIA Level-2 Master/Slave Ports, Both with Multi-PHY Support. One Can Support 8/16 bit Data
• Three MIL Interfaces
• Eight TDM Interfaces (T1/E1), Two TDM Ports Can Be Glueless to T3/E3
• Power Consumption: 2.5W at 133 MHz




Similar Part No. - PC8260

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC826 SHARP-PC826 Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
logo
Laird Tech Smart Techno...
PC826N LSTD-PC826N Datasheet
415Kb / 1P
All-welded unit construction
PC826N LSTD-PC826N Datasheet
415Kb / 1P
No adjustments ever needed
More results


Similar Description - PC8260

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P1010NXE5HFA FREESCALE-P1010NXE5HFA Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
communications processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
Communications Processors
2014-2015
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com