Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8260 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 2 Page - ATMEL Corporation

  PC8260 Datasheet HTML 1Page - ATMEL Corporation PC8260 Datasheet HTML 2Page - ATMEL Corporation PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
PC8260 PowerQUICC II
2131B–HIREL–02/03
Screening Quality
Packaging
This product is manufactured in full compliance with:
•
Upscreening based upon Atmel standards.
•
Full military temperature range (T
J = -55°C, TJ = +125°C)
•
Industrial temperature range (T
J = -40°C, TJ = +110°C)
•
Core power supply:
2.5V ± 5% (L-Spec for 200 MHz)
2.50V to 2.75V (R-Spec for 250 MHz) (tbc)
•
I/O power supply: 3.0V to 3.6V
•
480-ball Tape Ball Grid Array package (TBGA 37.5 mm x 37.5 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com