Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8260 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 17Page - ATMEL Corporation PC8260 Datasheet HTML 18Page - ATMEL Corporation PC8260 Datasheet HTML 19Page - ATMEL Corporation PC8260 Datasheet HTML 20Page - ATMEL Corporation PC8260 Datasheet HTML 21Page - ATMEL Corporation PC8260 Datasheet HTML 22Page - ATMEL Corporation PC8260 Datasheet HTML 23Page - ATMEL Corporation PC8260 Datasheet HTML 24Page - ATMEL Corporation PC8260 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
PC8260 PowerQUICC II
2131B–HIREL–02/03
Signal Descriptions
The PowerQUICC II system bus signals consist of all the lines that interface with the external bus. Many of these lines per-
form different functions, depending on how the user assigns them. Each signal’s pin number can be found in Table 4.
Table 4. External Signals
Pin
Signal Name
Type
Description
BR
60x Bus Request
I/O
This is an output when an external arbiter is used and an input when an
internal arbiter is used. As an output, the PowerQUICC II asserts this pin
to request ownership of the 60x bus. As an input, an external master
should assert this pin to request 60x bus ownership from the internal
arbiter.
BG
60x BusGrant
I/O
This is an output when an internal arbiter is used and an input when an
internal arbiter is used. As an output, the PowerQUICC II asserts this pin
to grant 60x bus ownership to an external bus master. As an input, an
external arbiter should assert this pin to grant 60x bus ownership to the
PowerQUICC II.
ABB
IRQ2
60x Address Bus Busy
I/O
As an output the PowerQUICC II asserts this pin for the duration of the
address bus tenure. Following an AACK, which terminates the address
bus tenure, the PowerQUICC II negates ABB for a fraction of a bus cycle
and than stops driving this pin. As an input, the PowerQUICC II will not
assume 60x bus ownership, as long as it senses this pin is asserted by
an external 60x bus master.
Interrupt Request 2
I
This input is one of the eight external lines that can request (by means of
the internal interrupt controller) a service routine from the core.
TS
T-S 60x Bus Transfer Start
I/O
Assertion of this pin signals the beginning of a new address bus tenure.
The PowerQUICC II asserts this signal when one of its internal 60x bus
masters (core, dma, PCI bridge) begins an address tenure. When the
PowerQUICC II senses this pin being asserted by an external 60x bus
master, it will respond to the address bus tenure as required (snoop if
enabled, access internal PowerQUICC II resources and memory
controller support).
A[0:31]
60x Address Bus
I/O
When the PowerQUICC II is in the external master bus mode, these pins
function as the 60x address bus. The PowerQUICC II drives the address
of its internal 60x bus masters and will respond to addresses generated
by external 60x bus masters. When the PowerQUICC II is in the internal
master bus mode, these pins are used as address lines connected to
memory devices and controlled by the PowerQUICC II’s memory
controller.
TT[0:4]
60x Bus Transfer Type
I/O
The 60x bus master drives these pins during the address tenure to
specify the type of the transaction.
TBST
60x Bus Transfer Burst
I/O
The 60x bus master asserts this pin to indicate that the current
transaction is a burst transaction (transfers 4 double words).
TSIZ[0:3]
60x Transfer Size
I/O
The 60x bus master drives these pins with a value indicating the amount
of bytes transferred in the current transaction.
AACK
60x Address Acknowledge
I/O
A 60x bus slave asserts this signal to indicate that it has identified the
address tenure. Assertion of this signal terminates the address tenure.
ARTRY
60x Address Retry
I/O
Assertion of this signal indicates that the bus transaction should be
retried by the 60x bus master. The PowerQUICC II asserts this signal to
enforce data coherency with its internal cache and to prevent deadlock
situations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com