Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3308 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3308 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3308
Download  PI5C3308 Download
File Size   53.81 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2- Bit Bus Switch with Active Low Enable

PI5C3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3308 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3308
Download  PI5C3308 Click to download

File Size   53.81 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2- Bit Bus Switch with Active Low Enable

PI5C3308 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3308 Product details

Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced using the Company’s advanced submicron CMOS technology, achieving industry leading speed grades.
The PI5C3308 is a 2-bit digital switch designed with a fast enable. When enabled via the associated Bus Enable (BE) pin, the “A” pin is directly connected to the “B” pin. The bus switch introduces no additional propagation delay or additional ground bounce noise.
The PI5C3308 device has an active LOW enable.

Product Features
• Near zero propagation delay
• 5-Ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
    – Ideally suited for notebook applications
• Packages available:
    – 8-pin plastic SOIC (W)




Similar Part No. - PI5C3308

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3301 PERICOM-PI5C3301 Datasheet
47Kb / 3P
Single Bit Bus Switch
PI5C3301 PERICOM-PI5C3301 Datasheet
394Kb / 5P
SOTinyTM Single-Bit Bus Switch
PI5C3301CX PERICOM-PI5C3301CX Datasheet
47Kb / 3P
Single Bit Bus Switch
PI5C3301TEX PERICOM-PI5C3301TEX Datasheet
394Kb / 5P
SOTinyTM Single-Bit Bus Switch
PI5C3301TX PERICOM-PI5C3301TX Datasheet
47Kb / 3P
Single Bit Bus Switch
More results


Similar Description - PI5C3308

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
2-Bit Bus Switch with Active Low Enables
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Integrated Device Techn...
IDT74CBTLV3126 IDT-IDT74CBTLV3126_08 Datasheet
60Kb / 5P
LOW-VOLTAGE QUADRUPLE BUS SWITCH Output enable, active high
logo
NXP Semiconductors
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
8-bit bus switch with output enable
Rev. 2-15 December 2011
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
8-bit bus switch with output enable
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
10-bit bus switch with output enable
Rev. 4 - 6 March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com