Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX16240 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LCX16240 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LCX16240
Download  PI74LCX16240 Download
File Size   85.45 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Buffer/Line Driver

PI74LCX16240 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LCX16240 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LCX16240
Download  PI74LCX16240 Click to download

File Size   85.45 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Buffer/Line Driver

PI74LCX16240 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LCX16240 Product details

Product Description
Pericom Semiconductor’s PI74LCX series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.
The PI74LCX16240 is an inverting 16-bit buffer/line driver designed for applications driving high-capacitance loads and low impedance backplanes. This high-speed, low power device offers bus/backplane interface capability and a flow-through organization for ease of board layout. This device is designed with three-state controls to operate in a Quad-Nibble, Dual-Byte, or a single 16-bit word mode.
The PI74LCX16240 can be driven from either 3.3V or 5.0V devices allowing this device to be used as a translator in a mixed 3.3V/5.0V system.

Product Features
• Functionally compatible with FCT3, LVT, and 74 series 16240 families of products
• 3-State outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VCC supply operation
• Balanced sink and source output drives (24mA)
• Low ground bounce outputs
• Power down High Impedance inputs and outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model
                                          200V, Machine Model
• Packages available:
    – 48-pin 240-mil wide plastic TSSOP (A)
    – 48-pin 300-mil wide plastic SSOP (V)




Similar Part No. - PI74LCX16240

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244A PERICOM-PI74LCX16244A Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244V PERICOM-PI74LCX16244V Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LCX16245A PERICOM-PI74LCX16245A Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
More results


Similar Description - PI74LCX16240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com