Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX16245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LCX16245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LCX16245
Download  PI74LCX16245 Download
File Size   191.8 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Bidirectional Transceiver

PI74LCX16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LCX16245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LCX16245
Download  PI74LCX16245 Click to download

File Size   191.8 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Bidirectional Transceiver

PI74LCX16245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LCX16245 Product details

Product Description
Pericom Semiconductor’s PI74LCX series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades. The PI74LCX16245 is a 16-bit bidirectional transceiver designed for asynchronous two-way communication between data buses. The direction control input pin (xDIR) determines the direction of data flow through the bidirectional transceiver. The Direction and Output Enable controls are designed to operate this device as either two independent 8-bit transceivers or one 16-bit transceiver. The output enable (OE) input, when HIGH, disables both A and B ports by placing them in HIGH Z condition.

Product Features
• Functionally compatible with FCT3, LVT, and 74 series 16245 families of products
• Tri-State outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VCCsupply operation
• Balanced sink and source output drives (24mA)
• Low ground bounce outputs
• Power down High Impedance inputs and outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model 200V, Machine Model
• Packages available:
  – 48-pin 240-mil wide plastic TSSOP (A)
  – 48-pin 300-mil wide plastic SSOP (V)




Similar Part No. - PI74LCX16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244A PERICOM-PI74LCX16244A Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244V PERICOM-PI74LCX16244V Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results


Similar Description - PI74LCX16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT2Q245 PERICOM-PI74LPT2Q245 Datasheet
72Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com