Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT2Q245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LPT2Q245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LPT2Q245
Download  PI74LPT2Q245 Download
File Size   72.88 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 8-Bit Bidirectional Transceiver

PI74LPT2Q245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LPT2Q245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LPT2Q245
Download  PI74LPT2Q245 Click to download

File Size   72.88 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 8-Bit Bidirectional Transceiver

PI74LPT2Q245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LPT2Q245 Product details

Product Description
Pericom Semiconductor’s PI74LPT series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology achieving high speed while maintaining low power operation.

Product Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
    – Input can be 3V or 5V
    – Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability: Balanced drives (12 mA sink and source)
• 33Ω Series Resistors on all outputs
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 20-pin 173 mil wide plastic TSSOP (L)
    – 20-pin 150 mil wide plastic QSOP (Q)
    – 20-pin 150 mil wide plastic TQSOP (R)
    – 20-pin 300 mil wide plastic SOIC (S)




Similar Part No. - PI74LPT2Q245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT240A PERICOM-PI74LPT240A Datasheet
231Kb / 4P
Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT240C PERICOM-PI74LPT240C Datasheet
231Kb / 4P
Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results


Similar Description - PI74LPT2Q245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Registered Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com