Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT543 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LPT543 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LPT543
Download  PI74LPT543 Download
File Size   69.58 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 8-Bit Latched Transceiver

PI74LPT543 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LPT543 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LPT543
Download  PI74LPT543 Click to download

File Size   69.58 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 8-Bit Latched Transceiver

PI74LPT543 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LPT543 Product details

Product Description
Pericom Semiconductor’s PI74LPT series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V tolerant mixed signal mode operation
    – Input can be 3V or 5V
    – Output can be 3V or connected to 5V bus
• Advanced low power CMOS operation
• Excellent output drive capability: Balanced drives (24 mA sink and source)
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 24-pin 173-mil wide plastic TSSOP (L)
    – 24-pin 150-mil wide plastic QSOP (Q)
    – 24-pin 150-mil wide plastic TQSOP (R)
    – 24-pin 300-mil wide plastic SOIC (S)




Similar Part No. - PI74LPT543

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results


Similar Description - PI74LPT543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
8-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT2Q245 PERICOM-PI74LPT2Q245 Datasheet
72Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Registered Transceiver
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com