Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT543 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LPT543
Description  Fast CMOS 3.3V 8-Bit Latched Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT543 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LPT543 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS2062A 01/15/97
PI74LPT543
3.3V 8-BIT LATCHED TRANSCEIVER
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pin Name
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A0-A7
A-to-B Data Inputs or B-to-A 3-State Outputs
B0-B7
B-to-A Data Inputs or A-to-B 3-State Outputs
GND
Ground
VCC
Power
Product Pin Description
LEBA
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
CEAB
GND
VCC
CEBA
B0
B1
B2
B3
B4
B5
B6
B7
LEAB
OEAB
24-PIN
L24
Q24
R24
S24
Product Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Latch
Output
Inputs
Status
Buffers
CEAB
LEAB
OEAB
A-to-B
B0–B7
H
X
X
Storing
High-Z
X
H
X
Storing
X
X
X
H
X
High Z
L
L
L
Transparent
Current A Inputs
L
H
L
Storing
Previous* A Inputs
Truth Table (Non-Inverting)(1,2)
For A-to-B (Symmetric with B-to-A)
Notes:
1.
*Before LEAB LOW-to-HIGH Transition
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care or Irrevelant
2.
A-to-B data flow shown; B-to-A flow control is the same,
except using CEBA, LEBA, and OEBA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com