Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2532 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-2532 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-2532
Download  HDSP-2532 Download
File Size   787.19 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Eight Character 5 mm Smart Alphanumeric Display

HDSP-2532 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-2532 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2532
Download  HDSP-2532 Click to download

File Size   787.19 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Eight Character 5 mm Smart Alphanumeric Display

HDSP-2532 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-2532 Product details

Description
The HDSP-253x is ideal for applications where displaying eight or more characters of dot matrix information in an aesthetically pleasing manner is required. These devices are eight-digit, 5x7 dot matrix, alphanumeric displays. The 5.0mm (0.2 inch) high characters are pack­aged in a 0.300 inch (7.62 mm) 30 pin DIP. The on-board CMOS IC has the ability to decode 128 ASCII characters, which are permanently stored in ROM. In addition, 16 programmable symbols may be stored in on-board RAM. Seven brightness levels provide versatility in adjusting the display intensity and power consumption. The HDSP-253x is designed for standard microprocessor interface techniques.The display and special features are accessed through a bidirectional eight-bit data bus.

Features
•  XY stack­able
•  128 character ASCII decoder
•  Programmable functions
•  16 user definable characters
•  Multi-level dimming and blank­ing
•  TTL compatible CMOS IC
•  Wave solderable

Applications
•  Avionics
•  Computer peripherals
•  Industrial instrumentation
•  Medical equipment
•  Portable data entry devices
•  Telecommunications
•  Test equipment




Similar Part No. - HDSP-2532

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2532 HP-HDSP-2532 Datasheet
201Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
HDSP-2532 HP-HDSP-2532 Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
More results


Similar Description - HDSP-2532

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
Eight Character 5-mm Smart Alphanumeric Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com