Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2715 Datasheet (PDF) - Dallas Semiconductor

DS2715 Datasheet PDF - Dallas Semiconductor
Part # DS2715
Download  DS2715 Download
File Size   202.3 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description NiMH Battery Pack Charge Controller

DS2715 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2715 Datasheet PDF - Dallas Semiconductor

Part # DS2715
Download  DS2715 Click to download

File Size   202.3 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description NiMH Battery Pack Charge Controller

DS2715 Datasheet (HTML) - Dallas Semiconductor


DS2715 Product details

DESCRIPTION

The DS2715 is well suited for cost-sensitive charger applications where the battery is either internal or in a unique battery pack. It has been optimized for safe reliable charging of 1 to10 NiMH cells in series. The DS2715 has an internal gain block that can be selected as either a comparator or transconductance amplifier for charge current regulation. The DS2715 is configurable as a switched DC charger, a linear current regulator, or a switchmode current source. The DS2715 pre-conditions severely depleted cells are pre-conditioned before entering full charge mode. The DS2715 terminates full charge using the dT/dt technique. It requires an external thermistor for dT/dt detection. Over-temperature, under-temperature, and over-voltage detection prevents charging under unsafe environmental conditions. A user selectable charge timer allows charge rates from 0.15C to 2C. Fast-charge, top-off and charge done modes are included for highly reliable, safe charging of NiMH cells. Discharge mode allows the DS2715 to enter a low power sleep state while the cell pack is being discharged.



FEATURES

■ Charges 1 to 10 NiMH Cells

■ Fast Charges up to a 2C Rate

■ Pre-Charge and Top-Off Charge Modes Help Cell Conditioning

■ Load Detection Allows the DS2715 to Enter Low Power Sleep Mode (Less than 10µA) while the Cell Pack is Discharged

■ dT/dt Charge Termination Eliminates Cell Charge Stress

■ Monitors Voltage, Temperature, and Time for Safety and Secondary Termination

■ Regulates Current through Either Linear Control or Switch-Mode Control

■ LED Outputs Display Charge State

■ Small 16-Pin SO Package



APPLICATIONS

  Portable DVD Players

  Portable Television Sets

  Handheld Gaming

  Test Equipment

  Handheld POS Terminals



 




Similar Part No. - DS2715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2715 MAXIM-DS2715 Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
DS2715BZ+ MAXIM-DS2715BZ+ Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
DS2715BZ+TR MAXIM-DS2715BZ+TR Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
DS2715EVKIT MAXIM-DS2715EVKIT Datasheet
85Kb / 3P
NiMH Battery Pack Charge Controller
2009
DS2715KLINEAR+ MAXIM-DS2715KLINEAR+ Datasheet
85Kb / 3P
NiMH Battery Pack Charge Controller
2009
More results


Similar Description - DS2715

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
Fast Charge Controller for NiCd/NiMH Batteries
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
DS2715 MAXIM-DS2715 Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
Maxim Integrated Produc...
DS2715EVKIT MAXIM-DS2715EVKIT Datasheet
85Kb / 3P
NiMH Battery Pack Charge Controller
2009
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
2013
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com