Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26334 Datasheet (PDF) - Dallas Semiconductor

DS26334 Datasheet PDF - Dallas Semiconductor
Part # DS26334
Download  DS26334 Download
File Size   756.8 Kbytes
Page   115 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit

DS26334 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS26334 Datasheet PDF - Dallas Semiconductor

Part # DS26334
Download  DS26334 Click to download

File Size   756.8 Kbytes
Page   115 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit

DS26334 Datasheet (HTML) - Dallas Semiconductor


DS26334 Product details

GENERAL DESCRIPTION
The DS26334 is a 16-channel short/long-haul line interface unit (LIU) that supports E1/T1/J1 from a single 3.3V power supply. A single bill of material can support E1/T1/J1 that requires no external termination. Redundancy is supported through nonintrusive monitoring, optimal high-impedance modes and configurable 1:1 or 1+1 backup enhancements. An on-chip synthesizer generates the E1/T1/J1 clock rates by a single master clock input of various frequencies. Two clock output references are also offered. The device is offered in a 256-pin TE-CSBGA, the smallest package available for a 16-channel LIU.

FEATURES
■ 16 E1, T1, or J1 Short/Long-Haul Line Interface Units
■ Independent E1, T1 or J1 Selections
■ Fully Internal Impedance Match Requires No External Resistors
■ Software-Selectable Transmit and ReceiveSide Impedance Match
■ Crystal-Less Jitter Attenuator
■ Selectable Single-Rail and Dual-Rail Mode and AMI or HDB3/B8ZS Line Encoding and Decoding
■ Detection and Generation of AIS
■ Digital/Analog Loss of Signal Detection as per T1.231, G.775 and ETS 300 233
■ External Master Clock Can Be Multiple of 2.048MHz or 1.544MHz for T1/J1 or E1 Operation; This Clock Will Be Internally Adapted for T1 or E1 Usage
■ Receiver Signal Level Indicator from -2.5dB to -38dB in T1 Mode and -3dB to -43dB in E1 Mode in 2.5dB Increments
■ Two Built-In BERT Testers for Diagnostics
■ 8-Bit Parallel Interface Support for Intel or Motorola Mode or a 4-Wire Serial Interface
■ Transmit Short-Circuit Protection
■ G.772 Nonintrusive Monitoring
■ Receive Monitor Mode Handles Combinations of 14dB to 30dB of Resistive Attenuation Along with 12dB to 30dB of Cable Attenuation
■ Specification Compliance to the Latest T1 and E1 Standards—ANSI T1.102, AT&T Pub 62411, T1.231, T1.403, ITU-T G.703, G.742, G.775, G.823, ETS 300 166, and ETS 300 233
■ Single 3.3V Supply with 5V Tolerant I/O
■ JTAG Boundary Scan as Per IEEE 1149.1

APPLICATIONS
    T1 Digital Cross-Connects
    ATM and Frame Relay Equipment
    Wireless Base Stations
    ISDN Primary Rate Interface
    E1/T1/J1 Multiplexer and Channel Banks
    E1/T1/J1 LAN/WAN Routers




Similar Part No. - DS26334

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26334 DALLAS-DS26334 Datasheet
848Kb / 121P
3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
DS26334DK MAXIM-DS26334DK Datasheet
2Mb / 46P
3.3V, 16-Channel, E1/T1/J1 Short-/Long-Haul LIU Design Kit
REV: 120905
logo
Dallas Semiconductor
DS26334G DALLAS-DS26334G Datasheet
848Kb / 121P
3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26334G MAXIM-DS26334G Datasheet
1Mb / 121P
3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Similar Description - DS26334

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com