Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN83C180 Datasheet (PDF) - SMSC Corporation

LAN83C180 Datasheet PDF - SMSC Corporation
Part # LAN83C180
Download  LAN83C180 Download
File Size   181.6 Kbytes
Page   10 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 10/100 FAST ETHERNET PHY TRANSCEIVER

LAN83C180 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN83C180 Datasheet PDF - SMSC Corporation

Part # LAN83C180
Download  LAN83C180 Click to download

File Size   181.6 Kbytes
Page   10 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 10/100 FAST ETHERNET PHY TRANSCEIVER

LAN83C180 Datasheet (HTML) - SMSC Corporation


LAN83C180 Product details

GENERAL DESCRIPTION
The LAN83C180 is a single chip CMOS physical layer (PHY) solution providing all necessary functions between the Media Independent Interface (MII) and the magnetics connected to Category 5 twisted pair media. It is designed for 10BASE-T and 100BASE-TX Ethernet, and is based on the IEEE 802.3 specifications.

FEATURES
◾ Single Chip 100Base-TX/10Base-T Ethernet Physical Layer (PHY) Solution
◾ Dual Speed – 10/100 Mbps
◾ Full MII Interface for a Glueless MAC Connection
◾ MI Interface for Configuration and Status
◾ Half Duplex and Full Duplex in Both 10BASE-T and 100BASE-TX
◾ Repeater Mode
◾ Extended Register Set
◾ Integrated 10BASE-T Transceivers and Receive/Transmit Filters
◾ Integrated Adaptive Equalizer and Base Line Wander Correction
◾ Full Auto Negotiation Support for 10BASE-T and 100BASE-TX Both Half and Full Duplex
◾ Parallel Detection for Supporting Non Auto Negotiation Legacy in Link Partners
◾ Low Current
◾ Low Power Mode
◾ Internal Power on Reset
◾ Single Magnetics for 10BASE-T and 100BASE-TX Operation for a Single RJ45 Connector
◾ Support for IEEE-802.3x Flow Control Specification
◾ 5 Integrated Status LED Drivers
    - Full Duplex
    - 10/100
    - Activity
    - Collision
    - Link
◾ Low External Component Count
◾ 64 Pin TQFP Package (1.0 mm Body Thickness)




Similar Part No. - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
LAN83C180TQFP SMSC-LAN83C180TQFP Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
More results


Similar Description - LAN83C180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com