Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet (PDF) - List of Unclassifed Manufacturers

IP101ALF Datasheet PDF - List of Unclassifed Manufacturers
Part # IP101ALF
Download  IP101ALF Download
File Size   501.44 Kbytes
Page   36 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single port 10/100 Fast Ethernet Transceiver

IP101ALF Datasheet (PDF)

Go To PDF Page Download Datasheet
IP101ALF Datasheet PDF - List of Unclassifed Manufacturers

Part # IP101ALF
Download  IP101ALF Click to download

File Size   501.44 Kbytes
Page   36 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single port 10/100 Fast Ethernet Transceiver

IP101ALF Datasheet (HTML) - List of Unclassifed Manufacturers


IP101ALF Product details

[IC+]

General Description
IP101A LF is an IEEE 802.3/802.3u compliant single-port Fast Ethernet Transceiver for both 100Mbps and 10Mbps operations. It supports Auto MDI/MDIX function to simplify the network installation and reduce the system maintenance cost. To improve the system performance, IP101A LF provides a hardware interrupt pin to indicate the link, speed and duplex status change. IP101A LF also provides Media Independent Interface (MII) / Serial Network Interface (SNI) or Reduced Media Independent Interface (RMII) to connect with different types of 10/100Mbps Media Access Controller (MAC). IP101A LF is designed to use category 5 unshielded twisted-pair cable connecting to other LAN devices.
IP101A LF Transceiver is fabricated with advanced CMOS technology, which the chip only requires 3.3V as power supply and consumes very low power in the Auto Power Saving mode. IP101A LF can be implemented as Network Interface Adapter with RJ-45 for twisted-pair connection. It can also be easily implemented into HUB, Switch, Router, Access Point.

Features
● 10/100Mbps TX
● Full-duplex or half-duplex
● Supports Auto MDI/MDIX function
● Fully compliant with IEEE 802.3/802.3u
● Supports IEEE 802.3u auto-negotiation
● Supports MII / RMII / SNI interface
● IEEE 802.3 full duplex control specification
● Supports Automatic Power Saving mode
● Supports BaseLine Wander (BLW) compensation
● Supports Interrupt function
● Supports repeater mode
● Single 3.3V power supply with built-in 2.5V regulator
● DSP-based PHY Transceiver technology
● Using either 25MHz crystal/oscillator or 50MHz oscillator REF_CLK as clock source
● Flexible LED display for speed, duplex, link, activity and collision
● Supports flow control to communicate with other MAC through MDC and MDIO
● 0.25u, CMOS technology
● 48-pin LQFP
● Support Lead Free package (Please refer to the Order Information)




Similar Part No. - IP101ALF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
IP101 PULSE-IP101 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
IP101G ETC-IP101G Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101G-DS-R01 ETC-IP101G-DS-R01 Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101GA ETC-IP101GA Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101GR ETC-IP101GR Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results


Similar Description - IP101ALF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
National Semiconductor ...
DP83848T NSC-DP83848T Datasheet
912Kb / 72P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_07 Datasheet
1,014Kb / 78P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
Texas Instruments
DP83848KSQ TI1-DP83848KSQ Datasheet
625Kb / 80P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com