Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet (PDF) - List of Unclassifed Manufacturers

IP101GRI Datasheet PDF - List of Unclassifed Manufacturers
Part # IP101GRI
Download  IP101GRI Download
File Size   3450.39 Kbytes
Page   65 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver

IP101GRI Datasheet (PDF)

Go To PDF Page Download Datasheet
IP101GRI Datasheet PDF - List of Unclassifed Manufacturers

Part # IP101GRI
Download  IP101GRI Click to download

File Size   3450.39 Kbytes
Page   65 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver

IP101GRI Datasheet (HTML) - List of Unclassifed Manufacturers


IP101GRI Product details

Features
10/100Mbps IEEE 802.3/802.3u compliant
Fast Ethernet transceiver
Supports 100Base-TX/FX Media Interface
Supports MII/ RMII Interface
Supports Auto MDI/MDIX function
Power Management Tool
- APS, auto power saving while Link-off
- 802.3az, protocol based power saving
- WOL+, light traffic power saving
- PWD, force-off power saving
- Supports MII with LPI for RX and TX
- Supports RMII with LPI for RX
Supports Base Line Wander compensation
Supports Interrupt function
Built in synchronization FIFO to support
jumbo frame size up to 12KB in MII mode (10KB
in RMII 100Mbps mode)
Supports MDC and MDIO to communicate
with the MAC
EMI Management Tool
- F/W based control
- 4 levels for mapping the difference layout
length on the PCB
Single 3.3V power supply
Built-in Vcore regulator
DSP-based PHY Transceiver technology
System Debug Assistant Tool
- 16 bit RX counter
- 9 bit RXError/CRC counter
- Isolate MII/RMII
- RX to TX Loopback
- Loopback MII/RMII
Using either 25MHz crystal/oscillator or
50MHz oscillator REF_CLK as clock source
Built-in 49.9ohm resistors for simplifying
BOM
Flexible LED display
Process: 85nm

Application
NAS
Network Printers and Servers
IP Set-Top Box
IP/Smart TV

General Description
IP1
IP1
IP1
IP1
Package and operation temperature
01G: dice, 0~70℃
01GA: 48LQFP, 0~70℃
01GR: 32QFN, 0~70℃
01GRI: 32QFN, -40~85℃
IP101G is an IEEE 802.3/802.3u compliant
single-port Fast Ethernet Transceiver for both
100Mbps and 10Mbps operations. It supports
Auto MDI/MDIX function to simplify the network
installation and reduce the system maintenance
cost. To improve the system performance,
IP101G provides a hardware interrupt pin to
indicate the link, speed and duplex status
change. IP101G provides Media Independent
Interface (MII) or Reduced Media Independent
Interface (RMII) to connect with different types
of 10/100Mbps Media Access Controller (MAC).
IP101G is designed to use category 5
unshielded twisted-pair cable or Fiber-Optic
cables connecting to other LAN devices. A
PECL interface is supported to connect with an
external 100Base-FX fiber optical transceiver.
Except good performance, reliability, rich power
saving method and extreme low operating
current, IP101G provides a serial tool for
system designers to complete their projects
easily. They are System Debug Assistant Tool
and EMI Management Tool.
IP101G is fabricated with advanced CMOS
(85nm) technology and design is based on
IC Plus’s 5th Ethernet-PHY architecture, this
feature makes IP101G consumes very low
power. Such as in the full load operation
(100Mbps_FDX), it only takes below 0.15W.
IP101GA / IP101GR&IP101GRI are available in
48LQFP/32QFN, lead-free package.
EMIMT: Patent under apply.

Game console
IP and Video Phone
PoE
Telecom Fiber device




Similar Part No. - IP101GRI

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
IP101 PULSE-IP101 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
IP101ALF-DS-R01 ETC2-IP101ALF-DS-R01 Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
IP101ALF-DS-R02 ETC2-IP101ALF-DS-R02 Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
IP101ALF-DS-R03 ETC2-IP101ALF-DS-R03 Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
More results


Similar Description - IP101GRI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
SMSC Corporation
LAN9303 SMSC-LAN9303 Datasheet
4Mb / 366P
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com