Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NWK933 Datasheet (PDF) - Mitel Networks Corporation

NWK933 Datasheet PDF - Mitel Networks Corporation
Part # NWK933
Download  NWK933 Download
File Size   141.3 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3.3V 10/100 Fast Ethernet Transceiver to MII

NWK933 Datasheet (PDF)

Go To PDF Page Download Datasheet
NWK933 Datasheet PDF - Mitel Networks Corporation

Part # NWK933
Download  NWK933 Click to download

File Size   141.3 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3.3V 10/100 Fast Ethernet Transceiver to MII

NWK933 Datasheet (HTML) - Mitel Networks Corporation


NWK933 Product details

Description
The NWK933 is a single chip 3.3V CMOS physical layer solution from MII to the magnetics. It is designed for 10BASE-T and 100BASE-TX Ethernet, based on the IEEE 802.3 specifications.

Features
● Integrated 10/100 Mbps Ethernet in a Single Chip Solution
● Single 3.3V Power Supply
● Half Duplex and Full Duplex in both 10BASE-T and 100BASE-TX
● Full MII for a Glueless MAC Connection
● Extended Register Set
● Integrated 10BASE-T Transceivers and Receive / Transmit Filters
● Integrated Adaptive Equaliser and Base Line Wander Correction (for FDDI Killer Packet)
● Full Auto-Negotiation Support for 10BASE-T and 100BASE-TX both Half and Full Duplex
● Link Status Change Interrupt
● Parallel Detection for Supporting Non Auto Negotiation in Legacy Link Partners
● Low Dynamic Current
● Deep Sleep Low Power Mode <1mA
● Internal Power on Reset
● 64 pin 1mm thick TQFP Package
● Single Magnetics for 10BASE-T and 100BASE-TX Operation for a Single RJ45 Connector
● Support for Flow Control 802.3 Specification
● Integrated 6 LED Driver
● Low External Component Count
● Loop-back mode for diagnostics
● Intelligent power management (auto shutdown, auto wake)
● Low Transmit Jitter




Similar Part No. - NWK933

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NWK935 ZARLINK-NWK935 Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
More results


Similar Description - NWK933

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
Microchip Technology
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com