Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9761 Datasheet (PDF) - Intel Corporation

LXT9761 Datasheet PDF - Intel Corporation
Part # LXT9761
Download  LXT9761 Download
File Size   1135.62 Kbytes
Page   78 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Fast Ethernet 10/100 Multi-Port Transceiver with RMII

LXT9761 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXT9761 Datasheet PDF - Intel Corporation

Part # LXT9761
Download  LXT9761 Click to download

File Size   1135.62 Kbytes
Page   78 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Fast Ethernet 10/100 Multi-Port Transceiver with RMII

LXT9761 Datasheet (HTML) - Intel Corporation


LXT9761 Product details

The LXT9781 is an eight-port PHY Fast Ethernet Transceiver that supports IEEE 802.3 physical layer applications at both 10 Mbps and 100 Mbps. It provides a Reduced Media Independent Interface (RMII) for switching and other independent port applications. The LXT9761 offers the same features and functionality in a six-port device. This data sheet uses the singular designation “LXT97x1” to refer to both devices.

All network ports provide a combination twisted-pair (TP) or pseudo-ECL (PECL) interface for a 10/100BASE-TX or 100BASE-FX connection.

The LXT97x1 provides three discrete LED driver outputs for each port, as well as eight global serial LED outputs. The device supports both half- and full-duplex operation at 10 Mbps and 100 Mbps, and requires only a single 3.3V power supply.



Product Features

■ Six or eight IEEE 802.3-compliant 10BASE-T or 100BASE-TX ports with integrated filters

■ 3.3V operation

■ Optimized for dual-high stacked R45 applications

■ Proprietary Optimal Signal Processing™ architecture improves SNR by 3 dB over ideal analog filters

■ Robust baseline wander correction 100BASE-FX fiber-optic capability on all ports

■ Supports both auto-negotiation and legacy systems without auto-negotiation capability

■ JTAG boundary scan

■ Multiple Reduced MII (RMII) ports for independent PHY port operation

■ Configurable via MDIO port or external control pins.

■ Maskable interrupts

■ Low power consumption (390 mW per port, typical)

■ 208-pin PQFP (LXT9761 and LXT9781)

■ 272-pin PBGA (LXT9781 only)



Applications

■ 100BASE-T, 10/100-TX, or 100BASE-FX Switches and multi-port NICs.



 




Similar Part No. - LXT9761

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
More results


Similar Description - LXT9761

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
SMSC Corporation
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
Broadcom Corporation.
AC104Z BOARDCOM-AC104Z Datasheet
739Kb / 66P
Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com