Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104QF Datasheet (PDF) - List of Unclassifed Manufacturers

AC104QF Datasheet PDF - List of Unclassifed Manufacturers
Part # AC104QF
Download  AC104QF Download
File Size   305.98 Kbytes
Page   37 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Ultra Low Power 10/100 Quad RMII Ethernet Transceiver

AC104QF Datasheet (PDF)

Go To PDF Page Download Datasheet
AC104QF Datasheet PDF - List of Unclassifed Manufacturers

Part # AC104QF
Download  AC104QF Click to download

File Size   305.98 Kbytes
Page   37 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Ultra Low Power 10/100 Quad RMII Ethernet Transceiver

AC104QF Datasheet (HTML) - List of Unclassifed Manufacturers


AC104QF Product details

[Altima Communications Inc.]

GENERAL DESCRIPTION
The AC104QF is a highly integrated, 3.3V, low power, four port, 10Base-T/100Base-TX/FX, Ethernet transceiver implemented in 0.35mm CMOS technology. Multiple modes of operation including normal operation, test mode and power saving mode are available through either hardware or software control.

FEATURES
• 4 RMII
    • RMII 5Volt tolerant and 2.5Volt capable
• 4 10/100 TX or 3 10/100 TX and 1 100 FX
    • Full Duplex or Half Duplex
    • FEFI on 100FX
• Very small package
    • 100PQFP
• Very low power – TYP < 280mW (/ port)
    • Cable Detect mode – TYP < 40mW (/ port)
    • Power Down mo de – TYP < 3.3mW (/ port)
    • Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction
• 3.3Volt .35micron CMOS
• Fully compliant with
    • IEEE 802.3 / 802.3u
    • RMII
    • UNH test labs
• Baseline Wander Compensation
• Multi-Function LED outputs
• Cable length indicator
• Reverse polarity detection and correction with Register Bit indication – Automatic or Forced
• 8 programmable interrupts
• Diagnostic registers




Similar Part No. - AC104QF

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1040 TALEMA-AC1040 Datasheet
61Kb / 1P
40 Amp Current Transformer
logo
List of Unclassifed Man...
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
auris-GmbH
AC1045 AURIS-AC1045 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
AC1045/4 AURIS-AC1045/4 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
logo
Broadcom Corporation.
AC104X BOARDCOM-AC104X Datasheet
543Kb / 50P
2.5V 4-Port 10/100-TX Ethernet Transceiver
More results


Similar Description - AC104QF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
logo
List of Unclassifed Man...
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
logo
Broadcom Corporation.
AC101L BOARDCOM-AC101L Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC104Z BOARDCOM-AC104Z Datasheet
739Kb / 66P
Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com