Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104QF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AC104QF
Description  Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC104QF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AC104QF Datasheet HTML 3Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 4Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 5Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 6Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 7Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 8Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 9Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 10Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AC104QF
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
2055 Gateway Parkway Suite 700, San Jose, CA 95110 (408) 453-3700 (www.altimacom.com)
Altima Communications Inc. reserves the right to make changes to this document without notice.
Document Revision 3.2
Page 7 of 37
RMII (Reduced Media Independent Interface) Pins
Pin Name
Pin #
Type
Description
TXD[1:0](0)
TXD[1:0](1)
TXD[1:0](2)
TXD[1:0](3)
84, 85
74, 75
60, 61
50, 51
I/O, D
I/O, D
I/O, D
I/O, D
RMII Transmit Data. The MAC will source TXD[1:0](n) synchronous with
REFCLK when TX_EN(n) is asserted.
TX_EN(0)
TX_EN(1)
TX_EN(2)
TX_EN(3)
86
76
63
53
I/O,D
I/O,D
I/O,D
I/O,D
RMII Transmit Enable. TX_EN(n) is asserted high by the MAC to indicate that
valid data for transmission is presented on the TXD[1:0](n).
RXD[1:0](0)
RXD[1:0](1)
RXD[1:0](2)
RXD[1:0](3)
78,79
68,69
55,56
45,46
I/O, D
I/O, D
I/O, D
I/O, D
RMII Receive Data. The Phy will source RXD[1:0](n) synchronous with
REFCLK when CRS_DV(n) is asserted.
CRS_DV(0)
CRS_DV(1)
CRS_DV(2)
CRS_DV(3)
82
71
58
48
I/O, D
I/O, D
I/O, D
I/O, D
CRS_DV(n) is asserted high when media is non-idle.
RX_ER(0)
RX_ER(1)
RX_ER(2)
RX_ER(3)
81
70
57
47
I/O, D
O
O
I/O, D
RMII Receive Error. When RX_ER is asserted high, it indicates an error has
been detected during frame reception.
REFCLK
66
I
Reference Clock Input – 50 MHz-100PPM TTL
SMI (Serial Management Inte rface) Pins
Pin Name
Pin #
Type
Description
MDIO
64
I/O, D
Management Data Input/Output. Bi-directional data interface. 1.5K pull up
resistor required (as specified in IEEE-802.3).
MDC
65
I, D
Management Data Clock. 0 to 25 MHz clock sourced by the MAC for transfer of
MDIO data.
INTR
94
Z
Interrupt. See Registers 16 and 17 for polarity and sources. The INTR pin has a
high impedance output, a 1K
Ω pull-up or pull-down resistor is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com