Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104QF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AC104QF
Description  Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC104QF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AC104QF Datasheet HTML 17Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 18Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 19Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 20Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 21Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 22Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 23Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 24Page - List of Unclassifed Manufacturers AC104QF Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AC104QF
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
2055 Gateway Parkway Suite 700, San Jose, CA 95110 (408) 453-3700 (www.altimacom.com)
Altima Communications Inc. reserves the right to make changes to this document without notice.
Document Revision 4.0
Page 21 of 37
Register 4: Auto-Negotiation Advertisement Register
Reg.bit
Name
Description
Mode
Default
4.15
Next Page
1 = Next Page enabled.
0 = Next Page disabled.
RW
0
4.14
Acknowledge
This bit will be set internally after receiving 3 consecutive
and consistent FLP bursts.
RO
0
4.13
Remote Fault
1 = Advertises that this device has detected a Remote Fault.
0 = No remote fault detected.
RW
0
4.[12:11]
Reserved
For future technology.
RW
000
4.10
FDFC
Full Duplex Flow Control
1= Advertise that the DTE(MAC) has implemented both the
optional MAC control sublayer and the pause function as
specified in clause 31 and annex 31B of 802.3u.
0= MAC does not support flow control
4.9
100Base-T4
Technology not supported. This bit always 0
RO
0
4.8
100Base-TX
Full Duplex
1 = 100BaseTX full duplex capable.
0 = Not 100BaseTX full duplex capable.
RW
* See Note
4.7
100Base-TX
1 = 100BaseTX half duplex capable.
0 = Not TX half duplex capable.
RW
* See Note
4.6
10Base-T
Full Duplex
1 = 10BaseT full duplexcapable.
0 = Not 10BaseT full duplex capable.
RW
* See Note
4.5
10Base-T
1 = 10BaseT half duplex capable.
0 = Not 10BaseT half duplex capable.
RW
* See Note
4.[4:0]
Selector Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001
* refer to Mode Table
Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message
Reg.bit
Name
Description
Mode
Default
5.15
Next Page
1 = Link partner desires Next Page transfer.
0 = Link partner does not desire Next Page transfer.
RO
0
5.14
Acknowledg
e
1 = Link Partner acknowledges reception of FLP words.
0 = Not acknowledged by Link Partner.
RO
0
5.13
Remote
Fault
1 = Remote Fault indicated by Link Partner.
0 = No remote fault indicated by Link Partner.
RO
0
5.[12:10]
Reserved
For future technology.
RO
000
5.9
100Base-T4
1 = 100BaseT4 supported by Link Partner.
0 = 100BaseT4 not supported by Link Partner.
RO
0
5.8
100Base-TX
Full Duplex
1 = 100BaseTX full duplex supported by Link Partner.
0 = 100BaseTX full duplex not supported by Link Partner.
RO
0
5.7
100Base-TX
1 = 100BaseTX half duplex supported by Link Partner.
0 = 100BaseTX half duplex not supported by Link Partner.
RO
0
5.6
10Base-T
Full Duplex
1 = 10Mbps full duplex supported by Link Partner.
0 = 10Mbps full duplex not supported by Link Partner.
RO
0
5.5
10Base-T
1 = 10Mbps half duplex supported by Link Partner.
0 = 10Mbps half duplex not supported by Link Partner.
RO
0
5.[4:0]
Selector
Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001
*When this register is used as Next Page Message, the bit definition is the same as Register 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com